Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS5294IPFPR Datasheet HTML 1Page - Texas Instruments ADS5294IPFPR Datasheet HTML 2Page - Texas Instruments ADS5294IPFPR Datasheet HTML 3Page - Texas Instruments ADS5294IPFPR Datasheet HTML 4Page - Texas Instruments ADS5294IPFPR Datasheet HTML 5Page - Texas Instruments ADS5294IPFPR Datasheet HTML 6Page - Texas Instruments ADS5294IPFPR Datasheet HTML 7Page - Texas Instruments ADS5294IPFPR Datasheet HTML 8Page - Texas Instruments ADS5294IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
1
2
3
4
5
6
7
9
10
8
11
12
13
14
15
16
17
18
19
20
21
22
23
24
34
33
32
30
28
27
26
25
36
35
40
39
38
37
29
31
80
79
78
77
67
69
71
73
74
76
61
62
64
70
66
65
68
63
72
75
ADS529X
80 TQFP
Thermal Pad
60
59
58
57
56
55
54
52
51
53
50
49
48
47
46
45
44
43
42
41
IN2p
IN2n
AGND
IN3p
IN3n
AGND
IN4p
IN4n
AVDD
PD
LVDD
LGND
OUT1A_p
OUT1A_n
OUT1B_p
OUT1B_n
OUT2A_p
OUT2A_n
OUT2B_p
OUT2B_n
OUT7B_p
OUT7B_n
OUT7A_p
OUT7A_n
OUT8B_p
OUT8B_n
OUT8A_p
OUT8A_n
LVDD
LGND
RESET
AVDD
IN5p
IN5n
AGND
IN6p
IN6n
AGND
IN7p
IN7n
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
PACKAGING/ORDERING INFORMATION(1)
PRODUCT
PACKAGE TYPE
OPERATING
ORDERING NUMBER
TRANSPORT MEDIA, QUANTITY
ADS5294IPFP
Tray, 480 (MOQ)
ADS5294
PFP
–40°C to 85°C
ADS5294IPFPR
Tape and Reel, 1000
ADS5294IPFPT
Tape and Reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
PIN CONFIGURATION
80-PIN TQFP WITH THERMAL PAD
PFP PACKAGE (TOP VIEW)
PIN FUNCTIONS
PIN
NUMBER
DESCRIPTION
OF PINS
NAME
NUMBER
5
AVDD
9, 52, 66, 71, 74
Analog power supply, 1.8V
6
AGND
3, 6, 55, 58, 61, 80
Analog ground
1
VCM
68
Common-mode output pin, 0.95 V output. This pin can be configured as the external reference
voltage (1.5 V) input pin as well. See Reg 0x42.
1
CLKN
73
Negative differential clock –Tie CLKN to GND for single-ended clock
1
CLKP
72
Positive differential clock
2
IN1P, IN1N
78, 79
Differential input signal, Channel 1
2
IN2P, IN2N
1, 2
Differential input signal, Channel 2
2
IN3P, IN3N
4, 5
Differential input signal, Channel 3
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com