Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 52Page - Texas Instruments ADS5294IPFPR Datasheet HTML 53Page - Texas Instruments ADS5294IPFPR Datasheet HTML 54Page - Texas Instruments ADS5294IPFPR Datasheet HTML 55Page - Texas Instruments ADS5294IPFPR Datasheet HTML 56Page - Texas Instruments ADS5294IPFPR Datasheet HTML 57Page - Texas Instruments ADS5294IPFPR Datasheet HTML 58Page - Texas Instruments ADS5294IPFPR Datasheet HTML 59Page - Texas Instruments ADS5294IPFPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0.0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fin/fs)
Low Pass
High pass
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
0.0
0.1
0.2
0.3
0.4
0.5
Normalized frequency (fin/fs)
Low Pass
Band−Pass1
Band−Pass2
High Pass
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
DECIMATION FILTER
ADS5294 includes an option to decimate the ADC output data using filters. Once the decimation is enabled, the
decimation rate, frequency band of the filter can be programmed. In addition, the user can select either the pre-
defined or custom coefficients.
Table 9. Digital Filters
<USE
<DATA
FILTERn
<FILTERn
<EN CUSTOM
DECIMATION
TYPE OF FILTER
<ODD TAP>
FILTER
RATE>
RATE>
COEFF SET>
FILT>
CHn>
Built-in low-pass odd-tap filter (pass band = 0 to fS/4)
001
000
000
1
1
0
Decimate by 2
Built-in high-pass odd-tap filter (pass band = 0 to fS/4)
001
000
001
1
1
0
Built-in low-pass even-tap filter (pass band = 0 to fS/8)
010
001
010
0
1
0
Built-in first band pass even tap filter(pass band = fS/8 to fS/4)
010
001
011
0
1
0
Decimate by 4
Built-in second band pass even tap filter(pass band = fS/4 to 3
010
001
100
0
1
0
fS/8)
Built-in high pass odd tap filter (pass band = 3 fS/8 to fS/2)
010
001
101
1
1
0
Decimate by 2
Custom filter (user programmablecoefficients)
001
000
000
0 and 1
1
1
Decimate by 4
Custom filter (user programmablecoefficients)
010
001
000
0 and 1
1
1
Decimate by 8
Custom filter (user programmablecoefficients)
011
100
000
0 and 1
1
1
Bypass decimation
Custom filter (user programmablecoefficients)
0 and 1
1
1
DECIMATION FILTER EQUATION
In the default setting, the decimation filter is implemented as a 24-tap FIR filter with symmetrical coefficients
(each coefficient is 12-bit signed). By setting the register bit <ODD TAPn> = 1, a 23-tap FIR is implemented
Pre-defined Coefficients
The build-in filters (low pass, high pass an band pass) use pre-defined coefficients. The frequency responses of
the build-in decimation filters with different decimation factors are shown in Figure 62.
Figure 62. Decimation Filter Responses
Figure 63. Decimation Filter Responses
(Decimate by 2)
(Decimate by 4)
56
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com