Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS5294IPFPR Datasheet HTML 1Page - Texas Instruments ADS5294IPFPR Datasheet HTML 2Page - Texas Instruments ADS5294IPFPR Datasheet HTML 3Page - Texas Instruments ADS5294IPFPR Datasheet HTML 4Page - Texas Instruments ADS5294IPFPR Datasheet HTML 5Page - Texas Instruments ADS5294IPFPR Datasheet HTML 6Page - Texas Instruments ADS5294IPFPR Datasheet HTML 7Page - Texas Instruments ADS5294IPFPR Datasheet HTML 8Page - Texas Instruments ADS5294IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
Check for Samples: ADS5294
1
FEATURES
DESCRIPTION
Using CMOS process technology and innovative
•
Maximum Sample Rate: 80 MSPS/14-Bit
circuit techniques, the ADS5294 is a low power
•
High Signal-to-Noise Ratio
80MSPS 8-Channel ADC. Low power consumption,
–
75.5-dBFS SNR at 5 MHz/80 MSPS
high SNR, low SFDR, and consistent overload
recovery allow users to design high performance
–
78.2-dBFS SNR at 5 MHz/80 MSPS and
systems.
Decimation Filter Enabled
The ADS5294 has a digital processing block that
–
84-dBc SFDR at 5 MHz/80 MSPS
integrates several commonly used digital functions for
•
Low Power Consumption
improving system performance. It includes a digital
–
58 mW/CH at 50 MSPS
filter module that has built-in decimation filters (with
–
77 mW/CH at 80 MSPS (2 LVDS Wire Per
low-pass, high-pass and band-pass characteristics).
The decimation rate is also programmable (by 2, by
Channel)
4, or by 8). This makes it useful for narrow-band
•
Digital Processing Block
applications,
where
the
filters
can
be
used
–
Programmable FIR Decimation Filter and
conveniently
to
improve
SNR
and
knock-off
Oversampling to Minimize Harmonic
harmonics, while at the same time reducing the
Interference
output data rate. The device includes an averaging
mode where two channels (or even four channels)
–
Programmable IIR High Pass Filter to
can be averaged to improve SNR.
Minimize DC Offset
Serial LVDS outputs reduce the number of interface
–
Programmable Digital Gain: 0 dB to 12 dB
lines and enable the highest system integration. The
–
2- or 4- Channel Averaging
digital data from each channel ADC can be output
•
Flexible Serialized LVDS Outputs:
over one or two wires of LVDS output lines
–
One or Two Wires of LVDS Output Lines
depending on the ADC sampling rate. This 2-wire
interface helps keep the serial data rate low, allowing
per Channel Depending on ADC Sampling
low cost FPGA based receivers to be used even at
Rate
high sample rate. The ADC resolution can be
–
Programmable Mapping Between ADC
programmed to 12 bit or 14 bit through registers. A
Input Channels and LVDS Output Pins-
very unique feature is the programmable mapping
Eases Board Design
module that allows flexible mapping between the
–
Variety of Test Patterns to Verify Data
input channels and the LVDS output pins. This helps
greatly reduce the complexity of LVDS output routing
Capture by FPGA/Receiver
and can potentially result in cheaper system boards
•
Internal and External References
by reducing the number of PCB layers.
•
1.8V Operation for Low Power Consumption
The device integrates an internal reference trimmed
•
Low-Frequency Noise Suppression
to
accurately
match
across
devices.
Best
•
Recovery From 6-dB Overload within 1 Clock
performance is expected to be achieved through the
Cycle
internal reference mode. The device can be driven
with external references as well.
•
Package: 12-mm × 12-mm 80-Pin QFP
The device is available in a 12 mm × 12 mm 80-pin
APPLICATIONS
QFP. It is specified over a –40°C to 85°C operating
temperature range. ADS5294 is completely pin-to-pin
•
Ultrasound Imaging
and register compatible to ADS5292.
•
Communication Applications
•
Multi-channel Data Acquisition
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5294IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5294IPFPR TI1-ADS5294IPFPR Datasheet
2Mb / 81P
Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS5294IPFPR TI2-ADS5294IPFPR Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
ADS5294IPFPR.A TI2-ADS5294IPFPR.A Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
More results

Similar Description - ADS5294IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS5292 TI1-ADS5292_13 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
logo
Microchip Technology
MCP37D31-80 MICROCHIP-MCP37D31-80 Datasheet
3Mb / 141P
80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com