Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220IPZPQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 2 Page - Texas Instruments

  AFE8220IPZPQ1 Datasheet HTML 1Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 2Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 3Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 4Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 5Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
over operating free-air temperature range, unless otherwise noted.
(1)
AVDD
–0.5 V to 3.6 V
Supply voltage range
DVDD
–0.5 V to 3.6 V
IOVDD
–0.5 V to 3.6 V
AGND to DGND
–0.3 V to 0.5 V
Voltage between
AVDD to DVDD
–3.3 V to 3.3 V
Digital inputs(2)
–0.3 V to DVDD + 0.3 V
Digital data output
–0.3 V to DVDD + 0.3 V
AFE8220I
–40°C to 85°C
Operating free-air temperature range, TA
AFE8220T
–40°C to 105°C
Operating junction temperature range, TJ
AFE8220T
–40°C to 125°C
Storage temperature range, Tstg
–55°C to 125°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to DGND.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
Analog supply voltage
3.14
3.3
3.6
V
DVDD
Digital supply voltage
1.6
1.8
2.0
V
IOVDD
Output driver supply voltage
1.6
3.6
V
Input common-mode voltage
VCM
V
Differential input peak-to-peak voltage range
2
V
VIH
High-level digital input voltage
0.7 × IOVDD
V
VIL
Low-level digital input voltage
0.25 × IOVDD
V
AFE8220I
–40
85
TA
Operating free-air temperature
°C
AFE8220T
–40
105
TJ
Operating junction temperature
AFE8220T
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com