Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220IPZPQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 3 Page - Texas Instruments

  AFE8220IPZPQ1 Datasheet HTML 1Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 2Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 3Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 4Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 5Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
POWER SUPPLY SPECIFICATIONS
IF ADC SPECIFICATIONS
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
TA = 25°C, AVDD = IOVDD = 3.3 V, DVDD = 1.8 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
Analog supply current
130
155
mA
Digital supply current
REG_ENB disabled
65
85
mA
REG_ENB disabled
35
50
mA
Digital I/O supply current
REG_ENB enabled
105
125
mA
REG_ENB disabled
660
mW
Power dissipation
REG_ENB enabled
725
mW
Reduced-Power Modes
Software power-down
Control register address 1 set to 0x0000
100
mW
Hardware power-down
PWD enabled
50
µW
TA = 25°C, AVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 75 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Accuracy
Input impedance
2
k
Ω
Offset error
3.0
mV
Gain error
1.0
%FS
Peak differential, 1x gain
2.0
V
Full-scale input level
Peak differential, 2x gain
1.0
V
Power Supply
Power-supply rejection ratio, PSRR
AVDD = 3.15 VDC to 3.6 VDC
72
dB
References
Positive reference
REFP
1.9
2.0
2.1
V
Negative reference
REFN
0.9
1.0
1.1
V
Common-mode voltage
VCM
1.4
1.5
1.6
V
AC Performance
Input sample rate
75
MHz
Input 10.7 MHz, –1 dBFS, in 3-kHz passband
105
Signal-to-noise ratio within a
SNR
dBc
limited passband
Input 10.7 MHz, –1 dBFS, in 100-kHz passband
85
90
–7-dB signals at 10.656 MHz and 10.729 MHz
91
Third-order intermodulation distortion
dB
–10-dB signals at 10.656 MHz and 10.729 MHz
94
Spurious-free dynamic range
SFDR
–1-dB input at 10.7 MHz, 100-kHz passband
88
96
dBc
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com