Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220IPZPQ1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 17Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 18Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 19Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 20Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 21Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 22Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 23Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 24Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
FilterLength=2
(ddc0_fir1_ncoeff
1)+1forODD
´
-
FilterLength=2
ddc0_fir1_ncoeffforEVEN
´
FilterLength=4
(ddc0_fir1_ncoeff
1)+1forHALFBAND
´
-
FilterLength=ddc0_fir1_ncoeffforARBITRARY
(6)
ddc0_fir1_ncoeff
2
ddc0_cic_dec_rate
£
´
(7)
GAIN=
h
+
NCOEFF
å
NCOEFF
1
-
n=1
2h
n
2
1
-
15
(8)
GAIN=
å
NCOEFF
n=1
2h
n
2
1
-
15
(9)
GAIN=
å
NCOEFF
n=1
h
n
2
1
-
15
(10)
Second FIR Filters
ddc0_fir2a_ncoeff
4
ddc0_cic_dec_rate
£
´
(11)
ddc0_fir2b_ncoeff
4
ddc0_cic_dec_rate
£
´
(12)
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
The maximum filter length that can be realized is limited by two factors. First, the number of clock cycles
between successive filter outputs limits the number of coefficients that can be processed, as shown in
Equation 7.
where ddc0_cic_dec_rate is the decimation ration of the CIC filter.
Second, the size of the data memory (which stores incoming data samples) limits filter length to 62 taps.
The dc gain of the FIR filter depends on the coefficient values and the filter mode. For ODD mode and
HALFBAND mode, the dc gain is given by Equation 8:
where hn is the n
th of NCOEFF filter coefficients stored in memory.
For EVEN mode the, dc gain is shown by Equation 9:
while for ARBITRARY mode the gain is shown by Equation 10:
The first FIR filter is followed by two parallel second FIR filters, FIR2A and FIR2B. Duplicate filters allow the
output of two I and Q output streams with different bandwidths. For example, the bandwidth of FIR2A may be set
wide to accommodate reception of digital broadcasts, while FIR2B may be set narrower to receive an analog
broadcast sharing the same band. Coefficients for FIR2A are stored in memory bank 1 (MEM = 1) and
coefficients for FIR2B are stored in memory bank 2 (MEM = 2).
The operation of the second FIR filter is similar to the first FIR filter with several notable exceptions. First, the
depths of the coefficient and data memories are doubled to 128. This size increase allows for filters up to 126
taps to be realized without running out of data memory. It also allows longer sets of filter coefficients to be stored
in coefficient memory.
Second, because of the additional decimation by two from the first FIR filter, twice as many MCLK cycles are
available to process coefficients, increasing the maximum allowable value of NCOEFF, as shown in Equation 11
and Equation 12.
Third, in the first FIR filter the total of all the filter tap weights must add up to (215 – 1) to achieve unity gain
through the filter. With longer filters (and therefore, smaller coefficients), frequency response errors may be
introduced as a result of coefficient truncation. A Shift parameter has been added to the second FIR filter to
alleviate this problem. The total of all filter tap weights must add up to (215+ddc0_fir2a_shift – 1) to achieve unity gain
through FIR2A (similarly for ddc0_fir2b_shift and FIR2B). Note that shift values for FIR2A and FIR2B can be set
separately.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com