Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220IPZPQ1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 10Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 11Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 12Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 13Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 14Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 15Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 16Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Control Interface
SPI Interface
CS
SCK
MOSI
MISO
INSTRUCTI
N
O
DATA
1
0
0
REG_ADDR
0
7
8
15
14
13
12
11
10
9
6
5
4
3
2
1
1
0
1
MEM
MEM_ADDR
0
7
8
15
14
13
12
11
10
9
6
5
4
3
2
1
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Configuration and control data are written to the AFE8220 via the control interface. The control interface supports
two protocols, SPI and I2C. If the CTRL_MODE pin is tied low, then an SPI interface is implemented. If
CTRL_MODE is tied high, then an I2C protocol-compatible interface is implemented.
The SPI interface consists of four signals: a serial clock (SCK), an active-low chip select (CS), a serial data input
(MOSI: master out, slave in), and a serial data output (MISO: master in, slave out). Data are transferred in
groups of 32 bits. The first 16 bits are the instruction, which indicates:
1. If data are to be written or to be read;
2. If the data target is a register or RAM; and
3. The address of the data target.
The second 16 bits are the data transfer, which is input on MOSI for a write cycle or output on MISO for a read
cycle.
Figure 4 shows an SPI write cycle. The cycle is initiated by the high-to-low transition of the CS line. 32 SCK
pulses clock the instruction and the data into the MOSI line. Data are clocked in MSB first. The first 16 bits are
the instruction. There are two possible write cycle instructions: register write and memory write. The formats for
these instructions are shown in Figure 5 and Figure 6, respectively.
The only information required for a register write is the five-bit register address (REG_ADDR). For a memory
write, both the two-bit memory select (MEM) plus the eight-bit memory address (MEM_ADDR) are required.
Following the 16-bit instruction, the 16-bit data word is clocked in, again MSB first. At the end of the write cycle,
this data word is written to the appropriate register or memory location in the AFE8220.
Figure 4. SPI Control Interface Write Cycle
Figure 5. Register Write Instruction Format
Figure 6. Memory Write Instruction Format
Figure 7 shows the SPI interface read cycle. It is similar to the write cycle, except that instead of the data word
being clocked into MOSI during the second half of the cycle, the data word is clocked out of MISO. Note that only
register reads are permitted; RAM reads cannot be read back.
For reading and writing, data block transfers are supported. For a block transfer, multiple data words are
transmitted following the memory read or write instruction. The data words are read from or written sequentially
starting at the address contained in the instruction. The sequential access terminates when the CS line goes
high. Figure 8 shows a register block read cycle. In the illustration, three succeeding register locations are read
starting at address N. The block write cycle is similar except, of course, data are clocked into MOSI.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com