Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220IPZPQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 4Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 5Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 10Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 11Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
FUNCTION
DESCRIPTION
NAME
NO.
IRQ1
47
Output
Interrupt output 1
IRQ2
48
Output
Interrupt output 2
PWD
49
Input
Power down pin (active high)
RST
50
Input
Reset pin (active low)
DVSS
51
Ground
Digital ground
DVDD
52
Supply
1.8-V digital supply
IOVSS
53
Ground
Digital I/O ground
IOVDD
54
Supply
3.3-V digital I/O supply
IF_DFSO
55
Output
IF interface frame sync
IF_DCLK
56
Output
IF interface bit clock
IF_DOUT3
57
Output
IF interface data out 3
DVSS
58
Ground
Digital ground
DVDD
59
Supply
1.8-V digital supply
IF_DOUT2
60
Output
IF interface data out 2
IF_DOUT1
61
Output
IF interface data out 1
IF_DOUT0
62
Output
IF interface data out 0
IOVSS
63
Ground
Digital I/O ground
IOVDD
64
Supply
3.3-V digital I/O supply
CS/A1
65
Input
SPI Chip select (active low) / I2C address bit 1
MOSI/A0
66
Input
SPI data in / I2C address bit 0
MISO/SDA
67
Bidirectional
SPI data out / I2C SDA
SCK/SCL
68
Input
SPI clock / I2C SCL
CTRL_MODE
69
Input
Control interface mode select (SPI = 0, I2C = 1)
REG_ENB
70
Input
Enable onboard DVDD regulator (active low)
DVSS
71
Ground
Digital ground
DVDD
72
Supply
1.8-V digital supply
GPIO7
73
Bidirectional
GPIO 7
GPIO6
74
Bidirectional
GPIO 6
GPIO5
75
Bidirectional
GPIO 5
GPIO4
76
Bidirectional
GPIO 4
GPIO3
77
Bidirectional
GPIO 3
GPIO2
78
Bidirectional
GPIO 2
GPIO1
79
Bidirectional
GPIO 1
GPIO0
80
Bidirectional
GPIO 0
DVSS
81
Ground
Digital ground
DVSS
82
Ground
Digital ground
IOVSS
83
Ground
Digital I/O ground
DVSS
84
Ground
Digital ground
IOVDD
85
Supply
3.3-V digital I/O supply
DVDD
86
Supply
1.8-V digital supply
AVSS
87
Ground
Analog ground
AVDD
88
Supply
3.3-V analog supply
AVSS
89
Ground
Analog ground
DVDD1
90
Supply
1.8-V digital supply (for RTC oscillator)
RTCO
91
Output
RTC oscillator output
RTCI
92
Input
RTC oscillator input
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com