Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8220IPZPQ1 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 35Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 36Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 37Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 38Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 39Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 40Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 41Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 42Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Table 24. Control Registers (continued)
Address: 39
Description: Not Used
Bits
Range
Action
Parameter Name
—
—
—
—
Address: 40
Description: Reference Clock Configuration
Bits
Range
Action
Parameter Name
15:0
0..4095
Low period ( in units of MCLK cycles) for reference clock output
refclk_lo(15:0)
Address: 41
Description: Reference Clock Configuration
Bits
Range
Action
Parameter Name
15:0
0..4095
High period (in units of MCLK cycles) for reference clock output
refclk_hi(15:0)
Address: 42
Description: GPIO Configuration
Bits
Range
Action
Parameter Name
0 = GPIO0 set as input
0
0/1
gpio_oe(0)
1 = GPIO0 set as output
0 = GPIO1 set as input
1
0/1
gpio_oe(1)
1 = GPIO1 set as output
0 = GPIO2 set as input
2
0/1
gpio_oe(2)
1 = GPIO2 set as output
0 = GPIO3 set as input
3
0/1
gpio_oe(3)
1 = GPIO3 set as output
0 = GPIO4 set as input
4
0/1
gpio_oe(4)
1 = GPIO4 set as output
0 = GPIO5 set as input
5
0/1
gpio_oe(5)
1 = GPIO5 set as output
0 = GPIO6 set as input
6
0/1
gpio_oe(6)
1 = GPIO6 set as output
0 = GPIO7 set as input
7
0/1
gpio_oe(7)
1 = GPIO7 set as output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com