Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PD Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 48Page - STMicroelectronics L6472PD Datasheet HTML 49Page - STMicroelectronics L6472PD Datasheet HTML 50Page - STMicroelectronics L6472PD Datasheet HTML 51Page - STMicroelectronics L6472PD Datasheet HTML 52Page - STMicroelectronics L6472PD Datasheet HTML 53Page - STMicroelectronics L6472PD Datasheet HTML 54Page - STMicroelectronics L6472PD Datasheet HTML 55Page - STMicroelectronics L6472PD Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
Programming manual
L6472
52/69
Doc ID 022729 Rev 1
The POW_SR bits set the slew rate value of the power bridge output:
The TQREG bit sets if the torque regulation (see Section 7.4) is performed through ADCIN
voltage (external) or the TVAL_HOLD, TVAL_ACC, TVAL_DEC and TVAL_RUN registers
(internal):
The TSW parameter is used by the current control system and it sets the target switching
period.
Any attempt to write the CONFIG register when the motor is running causes the command
to be ignored and the NOTPERF_CMD flag to rise (see Section 9.1.19).
Table 26.
Overcurrent event
OC_SD
Overcurrent event
1
Bridges shut down
0
Bridges do not shut down
Table 27.
Programmable power bridge output slew rate values
POW_SR [1..0]
Output Slew rate (1) [V/ìs] (1)
1.
See SRout_r and SRout_f parameters in Table 5 for details.
0
0
180
0
1
180
1
0
290
1
1
530
Table 28.
External torque regulation enable
TQREG
External torque regulation enable
0
Internal registers
1
ADC input
Table 29.
Switching period
TSW [4..0]
Switching period
0
0
0
0
0
4 µs (250 kHz)
0
0
0
0
1
4 µs (250 kHz)
0
0
0
1
0
8 µs (125 kHz)
1
1
1
1
1
124 µs (8 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com