Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PD Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 25Page - STMicroelectronics L6472PD Datasheet HTML 26Page - STMicroelectronics L6472PD Datasheet HTML 27Page - STMicroelectronics L6472PD Datasheet HTML 28Page - STMicroelectronics L6472PD Datasheet HTML 29Page - STMicroelectronics L6472PD Datasheet HTML 30Page - STMicroelectronics L6472PD Datasheet HTML 31Page - STMicroelectronics L6472PD Datasheet HTML 32Page - STMicroelectronics L6472PD Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
L6472
Functional description
Doc ID 022729 Rev 1
29/69
6.10
Undervoltage lockout (UVLO)
The L6472 provides motor supply UVLO protection. When the motor supply voltage falls
below the VSthOff threshold voltage, the STATUS register UVLO flag is forced low. When a
GetStatus command is sent to the IC, and the undervoltage condition expires, the UVLO
flag is released (see Section 9.1.19 and 9.2.20). The undervoltage condition expires when
the motor supply voltage goes over the VSthOn threshold voltage. When the device is in the
undervoltage condition, no motion command can be performed. The UVLO flag is forced low
by logic reset (power-up included) even if no UVLO condition is present.
6.11
Thermal warning and thermal shutdown
An internal sensor allows the L6472 to detect when the device internal temperature exceeds
a thermal warning or an overtemperature threshold.
When the thermal warning threshold (Tj(WRN)) is reached, the TH_WRN bit in the STATUS
register is forced low (see Section 9.1.19) until the temperature decreases below Tj(WRN)
and a GetStatus command is sent to the IC (see Section 9.1.19 and 9.2.20).
When the thermal shutdown threshold (Tj(OFF)) is reached, the device goes into the thermal
shutdown condition: the TH_SD bit in the STATUS register is forced low, the power bridges
are disabled bridges in high-impedance state and the HiZ bit in the STATUS register is
raised (see Section 9.1.19).
The thermal shutdown condition only expires when the temperature goes below the thermal
warning threshold (Tj(WRN)).
On exiting the thermal shutdown condition, the bridges are still disabled (HiZ flag high);
whichever motion command makes the device exit from High Z state (HardStop and
SoftStop included).
6.12
Reset and standby
The device can be reset and put into standby mode through a dedicated pin. When the
STBY\RST pin is driven low, the bridges are left open (High Z state), the internal charge
pump is stopped, the SPI interface and control logic are disabled, and the internal 3 V
voltage regulator maximum output current is reduced to IREG,STBY; as a result, the L6472
heavily reduces the power consumption. At the same time the register values are reset to
default and all protection functions are disabled. STBY\RST input must be forced low at
least for tSTBY,min, in order to ensure the complete switch to standby mode.
On exiting standby mode, as well as for IC power-up, a delay of up to tlogicwu must be given
before applying a new command to allow proper oscillator and logic startup and a delay of
up to tcpwu must be given to allow the charge pump startup.
On exiting standby mode the bridges are disabled (HiZ flag high) and whichever motion
command causes the device to exit High Z state (HardStop and SoftStop included).
Attention:
It is not recommended to reset the device when outputs are
active. The device should be switched to high-impedance
state before being reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com