Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PD Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 47Page - STMicroelectronics L6472PD Datasheet HTML 48Page - STMicroelectronics L6472PD Datasheet HTML 49Page - STMicroelectronics L6472PD Datasheet HTML 50Page - STMicroelectronics L6472PD Datasheet HTML 51Page - STMicroelectronics L6472PD Datasheet HTML 52Page - STMicroelectronics L6472PD Datasheet HTML 53Page - STMicroelectronics L6472PD Datasheet HTML 54Page - STMicroelectronics L6472PD Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
L6472
Programming manual
Doc ID 022729 Rev 1
51/69
The OSC_SEL and EXT_CLK bits set the system clock source:
The SW_MODE bit sets the external switch to act as HardStop interrupt or not:
The OC_SD bit sets if an overcurrent event causes or not the bridges to turn off; the OCD
flag in the STATUS register is forced low anyway:
Table 24.
Oscillator management
EXT_CLK OSC_SEL[2..0]
Clock source
OSCIN
OSCOUT
0
0
0
0
Internal oscillator: 16 MHz
Unused
Unused
0
0
0
1
0
0
1
0
0
0
1
1
1
0
0
0
Internal oscillator: 16 MHz
Unused
Supplies a 2-MHz
clock
1
0
0
1
Internal oscillator: 16 MHz
Unused
Supplies a 4-MHz
clock
1
0
1
0
Internal oscillator: 16 MHz
Unused
Supplies an 8-MHz
clock
1
0
1
1
Internal oscillator: 16 MHz
Unused
Supplies a 16-MHz
clock
0
1
0
0
External crystal or resonator: 8 MHz
Crystal/resonator driving
Crystal/resonator
driving
0
1
0
1
External crystal or resonator:
16 MHz
Crystal/resonator driving
Crystal/resonator
driving
0
1
1
0
External crystal or resonator:
24 MHz
Crystal/resonator driving
Crystal/resonator
driving
0
1
1
1
External crystal or resonator:
32 MHz
Crystal/resonator driving
Crystal/resonator
driving
1
1
0
0
Ext clock source: 8 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
1
1
0
1
Ext clock source: 16 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
1
1
1
0
Ext clock source: 24 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
1
1
1
1
Ext clock source: 32 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
Table 25.
External switch hard stop interrupt mode
SW_MODE
Switch mode
0
HardStop interrupt
1
User disposal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com