Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PD Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 40Page - STMicroelectronics L6472PD Datasheet HTML 41Page - STMicroelectronics L6472PD Datasheet HTML 42Page - STMicroelectronics L6472PD Datasheet HTML 43Page - STMicroelectronics L6472PD Datasheet HTML 44Page - STMicroelectronics L6472PD Datasheet HTML 45Page - STMicroelectronics L6472PD Datasheet HTML 46Page - STMicroelectronics L6472PD Datasheet HTML 47Page - STMicroelectronics L6472PD Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
Programming manual
L6472
44/69
Doc ID 022729 Rev 1
9.1.9
FS_SPD
The FS_SPD register contains the threshold speed. When the actual speed exceeds this
value the step mode is automatically switched to full-step two-phase on. Its value is
expressed in step/tick (format unsigned fixed point 0.18) and to convert it in step/s the
following formula can be used.
Equation 6
If the FS_SPD value is set to hFF (max.) the system always works in microstepping mode
(SPEED must go beyond the threshold to switch to full-step mode). Setting FS_SPD to zero
does not have the same effect as setting step mode to full-step two phase on: the zero
FS_SPD value is equivalent to a speed threshold of about 7.63 step/s.
The available range is from 7.63 to 15625 step/s with a resolution of 15.25 step/s.
9.1.10
TVAL_HOLD, TVAL_RUN, TVAL_ACC and TVAL_DEC
The TVAL_HOLD register contains the current value that is assigned to the torque
regulation DAC when the motor is stopped.
The TVAL_RUN register contains the current value that is assigned to the torque regulation
DAC when the motor is running at constant speed.
The TVAL_ACC register contains the current value that is assigned to the torque regulation
DAC during acceleration.
The TVAL_DEC register contains the current value that is assigned to the torque regulation
DAC during deceleration.
The available range is from 31.25 mA to 4 A with a resolution of 31.25 mA, as shown in
Table 12.
step
s
⁄
[]
FSSPD
0.5
+
() 2
18
–
⋅
tick
-----------------------------------------------------------
=
Table 12.
Torque regulation by TVAL_HOLD, TVAL_ACC, TVAL_DEC and
TVAL_RUN registers
TVAL_X [6..0]
Output current amplitude
0
0
0
0
0
0
0
31.25 mA
0
0
0
0
0
0
1
62.5 mA
1
1
1
1
1
1
0
3.969 A
1
1
1
1
1
1
1
4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com