Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 6Page - STMicroelectronics L6472PD Datasheet HTML 7Page - STMicroelectronics L6472PD Datasheet HTML 8Page - STMicroelectronics L6472PD Datasheet HTML 9Page - STMicroelectronics L6472PD Datasheet HTML 10Page - STMicroelectronics L6472PD Datasheet HTML 11Page - STMicroelectronics L6472PD Datasheet HTML 12Page - STMicroelectronics L6472PD Datasheet HTML 13Page - STMicroelectronics L6472PD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Electrical data
L6472
10/69
Doc ID 022729 Rev 1
2.2
Recommended operating conditions
2.3
Thermal data
Table 3.
Recommended operating conditions
Symbol
Parameter
Test condition
Value
Unit
VDD
Logic interface supply voltage
3.3 V logic outputs
3.3
V
5 V logic outputs
5
VS
Motor supply voltage
VSA = VSB = VS
8
45
V
Vout_diff
Differential voltage between
VSA, OUT1A, OUT2A, PGND
and VSB, OUT1B, OUT2B,
PGND pins
VSA = VSB = VS
45
V
VREG,in Logic supply voltage
VREG voltage imposed by
external source
3.2
3.3
V
VADC
Integrated ADC input voltage
(ADCIN pin)
0
VREG
V
Tj
Operating junction temperature
-25
125
°C
Table 4.
Thermal data
Symbol
Parameter
Package
Typ
Unit
RthJA
Thermal resistance junction-ambient
HTSSOP28 (1)
1.
HTSSOP28 mounted on EVAL6472H Rev 1.0 board: four-layer FR4 PCB with a dissipating copper surface
of about 40 cm2 on each layer and 15 via holes below the IC.
22
°C/W
POWERSO36 (2)
2.
POWERSO36 mounted on EVAL6472PD Rev 1.0 board: four-layer FR4 PCB with a dissipating copper
surface of about 40 cm2 on each layer and 22 via holes below the IC.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com