Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PD Datasheet(PDF) 66 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 61Page - STMicroelectronics L6472PD Datasheet HTML 62Page - STMicroelectronics L6472PD Datasheet HTML 63Page - STMicroelectronics L6472PD Datasheet HTML 64Page - STMicroelectronics L6472PD Datasheet HTML 65Page - STMicroelectronics L6472PD Datasheet HTML 66Page - STMicroelectronics L6472PD Datasheet HTML 67Page - STMicroelectronics L6472PD Datasheet HTML 68Page - STMicroelectronics L6472PD Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
Package mechanical data
L6472
66/69
Doc ID 022729 Rev 1
Table 53.
POWERSO36 mechanical data
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.60
0.1417
a1
0.10
0.30
0.003
0.0118
a2
3.30
0.1299
a3
0
0.10
0
0.0039
b
0.22
0.38
0.008
0.0150
c
0.23
0.32
0.009
0.0126
D (1)
15.80
16.00
0.622
0.6299
D1
9.40
9.80
0.370
0.3858
E
13.90
14.50
0.547
0.5709
E1 (1)
10.90
11.10
0.429
0.4370
E2
2.90
0.1142
E3
5.8
6.2
0.228
0.2441
e
0.65
0.025
e3
11.05
0.435
G
0
0.10
0.000
0.0039
H
15.50
15.90
0.610
0.6260
h
1.10
0.0433
L
0.80
1.10
0.031
0.0433
N
10°
10°
S
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com