Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 73 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 73 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
73
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-3 Heat Sinks
ORDERING INFORMATION
5761, 5762, 5763, 5764 Square basket heat sink featuring slanted vane fins
Square basket heat sink features
slanted vane fins for efficient heat
dissipation. Air movement from any
direction is diverted into the center
of the heat sink to create turbulence
and improve heat transfer. Four
heights to choose from.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
576203
576103
Part Number
“A” Dim
576103B00000G
12.70 (0.500)
576203B00000G
19.05 (0.750)
576303B00000G
25.40 (1.000)
576403B00000G
31.75 (1.250)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
576403
576303
Material: 2.29 (0.090) Thick Aluminum
Finish: Black Anodize
Position
Code
Description
Location
Details
A
1
Kon-DuxTM pad
Page 86
B
01
6-32 Wave-OnTM theaded insert
Hole X
Page 89
0.100 stand off
POPULAR OPTIONS:
Base part no.
576 _ 03B 0 00 00G
For additional options see page 84
"A"
12.32
(0.485)
12.32
(0.485)
REF
45.97
(1.810)
5.46
(0.215)
10.92
(0.430)
30.15
(1.187)
TYP 2
4.77
(0.188)
TYP 2
5.54
(0.218)
2
1
15.09
(0.594)
1.83
(0.072)
ø
"X"
"X"
CL
CL
ø
A B
Grease
Epoxy
&
page112
Mounting
Kits
page 99
ORDERING INFORMATION
PF523, PF526, PF527
Diamond shaped heat sink
Diamond shaped heat sink
is the same profile as the device
which saves space on the board.
This rugged design is made from
cast aluminum and is available
in three different heights.
Part Number
“A” Dim
PF523G
12.50 (0.492)
PF526G
19.00 (0.748)
PF527G
25.00 (0.984)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
3
6
9
12
15
8
6
2
4
0
0
400
200
600
800
1000
PF526
PF527
PF523
Material: Cast Aluminum
Finish: Black Anodize
3.40
(0.134)
DIA 22.90
(0.902)
Approx DIA 8.00(0.315)
area flat around holes
30.15
(1.19)
CTRS
40.80
(1.606)
26.90
(1.060)
"A"
DIA 4.20 (0.165)
4.10 (0.161)
TYP (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com