Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 20 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 20 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
20
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5801
Slide on heat sink with staggered fins
Slide on heat sink with staggered fins
attaches to 8 pin DIP packages quickly and
easily. The heat sink features double spring
action and locking catch to firmly attach
the device creating a thermal conduction
path on both the top and bottom surfaces.
Available in two finishes.
10.54
(0.415)
14.27
(0.562)
5.33
(0.210)
6.35
(0.250)
LOCKING
CATCH
15.24
(0.600)
11.43
(0.450)
Part Number
Finish
580100B00000G
Black anodize
580100W00000G
Black anodize with black paint on bottom side
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
16
12
4
8
0
0
400
200
600
800
1000
6.35
(0.250)
15.34
(0.604)
REF
19.05
(0.750)
5.39
(0.212)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
100
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
80
60
20
40
0
0
400
200
600
800
1000
Angle fin heat sink is a simple low
cost solution for cooling DIP devices.
Suitable for 14 and 16 pin packages
and available in two finish options.
Easily attaches using thermal epoxy.
5010
Angle fin heat sink
5602, 5802
Slide on heat sink with angled fins
Slide on heat sink with angled fins
attaches to 14 and 16 pin DIP packages
quickly and easily. The heat sink features
double spring action and locking catch
to firmly attach the device creating a
thermal conduction path on both the
top and bottom surfaces. Available in
two finishes.
15.24
(0.600)
22.61
(0.890)
10.42
(0.410)
LOCKING
CATCH
21.34
(0.840)
5.08
(0.200)
"A"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
16
12
4
8
0
0
400
200
600
800
1000
Part Number
Device Pkg Style
Finish
“A” Dim
560200B00000G
Ceramic
Black anodize
7.87 (0.310)
560200W00000G
Ceramic
Black anodize with black paint on bottom side
7.87 (0.310)
580200B00000G
Plastic
Black anodize
6.35 (0.250)
580200W00000G
Plastic
Black anodize with black paint on bottom side
6.35 (0.250)
ORDERING INFORMATION
Material: 0.63 (0.025) Thick Aluminum
Finish: See Table
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
Material: 0.63 (0.025) Thick Aluminum
Finish: See Table
ORDERING INFORMATION
Part Number
Finish
501000J00000G
Pre black anodize*
501000B00000G
Black anodize
DIPS
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information.
Grease
Epoxy
&
page112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com