Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 51 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 51 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
51
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5912
Plug in style heat sink featuring four spring action clips
Plug in style heat sink features
four spring action clips to firmly
hold the device to the heat sink
ensuring maximum metal to
metal thermal contact. Available
with solderable mounting tabs
for both horizontal and vertical
mounting to the PC board.
15.24
(0.600)
12.70
(0.500)
12.70
(0.500)
4.10
(0.160)
14.48
(0.570)
MAX
0.81
(0.032)
1.27
(0.050)
3.81
(0.150)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
1
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
5913
Plug in style heat sink featuring four spring action clips
Plug in style heat sink features four
spring action clips to firmly hold the
device to the heat sink ensuring maxi-
mum metal to metal thermal contact.
Includes 2 integrated standoffs to steady
the heat sink during wave soldering.
Available with solderable mounting tabs
for vertical mounting to the PC board.
19.05
(0.750)
3.15
(0.124)
12.70
(0.500)
14.48
(0.570)
12.70
(0.500)
1.02
(0.040)
2.67
(0.105)
MAX
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
ORDERING INFORMATION
(0.570)
14.48
(0.040)
1.02
(0.500)
12.70
(0.245)
6.22
(0.050)
1.27
(0.032)
0.81
(0.750)
19.05
MAX
(0.124)
3.15
12.70
(0.500)
TAB
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
TO-220 & TO-262 Heat Sinks
Part Number
Description
Figure
591202B00000G
Plug in style heat sink, no mounting tab
A
591202B03100G
With horizontal mounting tab
A
1.73 (0.068)
591202B04000G
With vertical mounting tab
B
1.75 (0.069)
Dia of PCB
Plated Thru
Hole for Tabs
1.27
(0.050)
15.24
(0.600)
6.22
(0.245)
0.81
(0.032)
12.70
(0.500)
14.48
(0.570)
12.70
(0.500)
MAX
TAB
Part Number
Description
Figure
591302B00000G
Plug in style heat sink with integrated standoffs, no mounting tab
B
591302B02800G
With Shur-LockTM tab for vertical mounting
A
1.73 (0.068)
591302B04000G
With tab for vertical mounting
B
1.75 (0.069)
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE A
FIGURE B
FIGURE A
FIGURE B
For additional options see page 84
For additional options see page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com