Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 74 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 74 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
74
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5017, 5018, 5019, 5020 Low cost diamond shaped basket heat sink
Low cost diamond shaped
basket heat sink with straight
fins. High fin count enhances
efficiency. Four heights to
choose from.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
501806
501706
Part Number
“A” Dim
501706B00000G
12.70 (0.500)
501806B00000G
19.05 (0.750)
501906B00000G
25.40 (1.000)
502006B00000G
31.75 (1.250)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
502006
501906
20.62
(0.812)
31.00
(1.220)
13.72
(0.540)
24.38
(0.960)
3.96
(0.156)
4.95
(0.195)
11.68
(0.460)
9.27
(0.365)
4.44
(0.175)
SLOT
x
ø
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Space saving expandable collar
heat sink has the same footprint
as the device being cooled meaning
no extra board space is required to
fit the heat sink. The expandable
collar tightly grips the device.
5792
Space saving expandable collar heat sink
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
TO-66 Heat Sinks
@ BASE
39.37
(1.550)
@ BASE
26.42
(1.040)
1
2
TYP 4
3.96
(0.156)
24.38
(0.960)
2.54
(0.100)
5.08
(0.200)
12.19
(0.480)
2.54
(0.100)
CL
CL
"A"
ø
ORDERING INFORMATION
Part Number
Finish
579206B00000G
Black anodize
579206V00000G
AavSHIELD3
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com