Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 64 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 64 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
64
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-202 Heat Sinks
ORDERING INFORMATION
5769, 5773, 5774 Slim low profile channel style heat sink
Slim low profile channel style
heat sink is notched to accom-
modate the TO-202 center tab
packages. Available in 3 heights.
3.81
(0.150)
THRU
13.34
(0.525)
19.05
(0.750)
"A"
13.21
(0.520)
3.81
(0.150)
REF
REF
ø
Part Number
“A” Dim
576904B00000G
6.35 (0.250)
577304B00000G
9.53 (0.375)
577404B00000G
12.70 (0.500)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
577304
577404
576904
50.80
(2.000)
25.40
(1.000)
35.05
(1.380)
12.70
(0.500)
17.87
(0.704)
4.75
(0.187)
3.15
(0.124)
9.35
(0.368)
2.46
(0.097)
1.27
(0.050)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Space saving heat sink features
staggered fins for increased cooling
efficiency. This verticle mount heat
sink features integrated matte tin
plated tabs to solder directly to the
PC board.
6034
Space saving staggered fin heat sink
6046, 6047
Compact slide on heat sink
Compact slide on heat sink
makes assembly easy. The 6046
features a positive device catch
to lock the heat sink to the device.
15.24
(0.600)
7.62
(0.300)
O.D.
6.35
(0.250)
21.59
(0.850)
"A"
"A"
REF
SECTION A–A
10.41
(0.410)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Part Number
Description
Figure
6046PBG
With device catch
A
6047PBG
Compact slide on heat sink
B
ORDERING INFORMATION
15.24
(0.600)
7.62
(0.300)
O.D.
6.35
(0.250)
21.59
(0.850)
"A"
"A"
REF
SECTION A–A
10.41
(0.410)
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Copper
Finish: Tin Plated
Material: 0.63 (0.025) Thick Aluminum
Finish: Pre-Black Anodize*
ORDERING INFORMATION
Part Number
Description
6034DG
Space saving staggered fin heat sink with
3.10 (0.122)
integrated tin plated tabs
Dia of PCB
Plated Thru
Hole for Tabs
*Edges cut during the manufacturing process will be unfinished.
See page 110 for more information.
FIGURE A
FIGURE B
For additional options see page 84
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com