Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 25 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 25 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
25
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
7109
Surface mount heat sink for D
2 PAK (TO-263) package semiconductors
Surface mount heat sink for D
2 PAK
(TO-263) package semiconductors
remove the heat indirectly without
contacting the device like traditional
through hole heat sinks. The device
and the heat sink are soldered directly
to a modified drain pad creating a
thermal transfer path from package
tab to the heat sink.
25.40
(1.000)
19.38
(0.763)
15.24
(0.600)
11.43
(0.450)
11.43
(0.450)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
01
2
3
4
5
4
3
1
2
0
0
400
200
600
800
1000
1.3
(0.05)
12.70
(0.500)
10.16
(0.400)
7.37
(0.290)
30.99
(1.220)
17.53
(0.690)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
16
12
4
8
0
0
400
200
600
800
1000
Surface mount heat sink for D
3 PAK
(TO-268) package semiconductors
remove the heat indirectly without
contacting the device like traditional
through hole heat sinks. The device
and the heat sink are soldered directly
to a modified drain pad creating a
thermal transfer path from package
tab to the heat sink.
5734
Surface mount heat sink for D
3 PAK (TO-268) package semiconductors
Tape and Reel information
Part Number
“A” Dim
“B” Dim
“C” Dim
“D” Dim
7106D/TRG
44.00 (1.730)
40.40 (1.590)
24.00 (0.940)
4.06 (0.160)
7109D/TRG
44.00 (1.730)
40.40 (1.590)
36.00 (1.420)
4.06 (0.160)
573100D00010G
44.00 (1.730)
40.40 (1.590)
16.00 (0.630)
4.06 (0.160)
573300D00010G
44.00 (1.730)
40.40 (1.590)
24.00 (0.940)
4.06 (0.160)
573400D00010G
44.00 (1.730)
40.40 (1.590)
24.00 (0.940)
4.06 (0.160)
ORDERING INFORMATION
SMT
ORDERING INFORMATION
Part Number
Packaging
7109D/TRG
13" Reel, 125 per reel
7109DG
Bulk, 500 per bag
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
See below for tape and reel information
Refer to Figure D on page 26 for board footprint information
ORDERING INFORMATION
Part Number
Packaging
573400D00010G
13" Reel, 250 per reel
573400D00000G
Bulk, 500 per bag
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
See below for tape and reel information
Refer to Figure A and B on page 26 for board footprint information
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com