Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 110 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 110 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 106Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 107Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 111Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 112Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 113Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 114Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 116 page
background image
110
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Finish
Aavid Code
Thermalloy Suffix
Description
Black Anodize
B
B
Recommended for increased thermal performance.
Anodize is electrically isolating and does not provide
electrical insulation.
AavSHIELD3
V
V
For corrosion protection or painting only.
Color variation may be expected with this finish.
Chromate is electrically conductive.
Does not provide electrical insulation.
Tin Plating
D
D
Allows heat sink to be soldered to the PC Board.
Pre-Black Anodized
J
PB
Edges cut during the manufacturing process will be unfinished.
Green Anodize
M
Alternative finish to Black anodize.
Recommended for increased thermal performance.
Electrically isolating but does not provide electrical insulation.
Unfinished
U
U
Clean, no finish.
Black Anodize w/Black Paint
W
Paint on mounting surface prevents metal
from contacting the circuit thus avoiding shorts.
Note : All thermal graphs reflect black anodize finish.
Aavid Thermalloy code – Finish option must be noted by one of the above letters in the 7th position.
Aavid's standard finish is black anodize (B) unless otherwise noted.
Thermalloy origin suffix – The suffixes should be added after the model number to indicate the desired finish.
Finishes
6396B G
B
ORDERING INFORMATION
530122B00000G
example
Thermalloy origin part
A
A = Model number
B = Finish suffix
C = RoHS compliant
A = Base part
B = Finish code
C = RoHS compliant
B
A
example 12 digit part
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com