Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN01C Datasheet(PDF) 14 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 14 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 10Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 11Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 12Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 13Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 14Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 15Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 16Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 17Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 18Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Special Tag Arrangements
660 - 690V / 125 - 800A
Specifications
Description:
Fuse Links for industrial
applications at 660/690V that meets
dimensional and performance
requirements of BS88 and IEC 269-1-2
standards.
Ratings:
Applications:
Protection of large industrial installations
at 600 / 690Vac
Agency Information:
BS88 part 1 section 2-1 & 2-2
RoHS Compliant
Dimensions
Catalogue Numbers
Industrial Applications to BS88 - 660/690V
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
M13
120.0 99.0
70.0
38.0
27.0
8.0
26.0
12.0
8.7
M23
262.0 231.0 167.0
38.5
19.0
14.0
N15
120.0 100.0 79.0
49.0
41.0
16.5
15.0
9.8
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
P35
210.0
184
133
75.0
19.0
16.0
10.0
59.0
5.0
R40
81.0
74.0
9.5
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
N20
110.0
92.0
75.0
22.0
44.5
8.8
49.0
49.0
6.4
P20
111.0
76.0
47.0
59.0
R20
112.0
94.0
77.0
62.0
74.0
S20
112.0
77.0
66.0
83.0
Tag Types
Rating (A)
Catalogue
Number
Fixing Centres
(mm)
Unit Packing
Offset Bolted
Tag
125
125M13
99
5
160
160M13
200
200M13
250
250M13
315
315M13
125
125M23
231
1
160
160M23
200
200M23
250
250N15
100
1
315
315N15
Centre Bolted
Tag
250
250N34
113
1
315
315N34
355
355P35
133/184
1
400
400P35
450
450R40
133/184
1
500
500R40
Special Offset
Tag
125
125N20
92.5
1
160
160N20
200
200N20
250
250N20
315
315N20
355
355P20
92.5
1
400
400P20
450
450R20
94
1
500
500R20
560
560R20
630
630R20
710
710S20
94
1
800
800S20
Offset Bolted Tag
Centre Bolted Tag
Special Tag Arrangement
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
N34
135.0
111
74.5
66.5
5.0
25.4
12.5
9.5
Volts: - 660 / 690V ac (except S20 type - 550V ac)
- 400V dc (except S20 type)
Amps: - 125 - 800A
IR - 80kA @ 660V ac
- 40kA @ 400V (except S20 type)
Data Sheets: M13 & M23: 4153 / N15: 4164 / N34: 4165 / P35: 4161 / R40: 4162 / N20: 4166 / P20: 4167 / R20: 4168 / S20: E5785045
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com