Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN01C Datasheet(PDF) 16 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 16 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 12Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 13Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 14Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 15Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 16Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 17Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 18Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 19Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 20Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
House Service Cut-Out Fuse Links
415V / 5 - 100A
Specifications
Description:
Cylindrical Fuse Links for
electrical utilities to BS Standard
Ratings:
Applications:
Fuses to use in connection with House
Service cut-outs.
Agency Information:
ASTA certified and tested in
accordance to BS 1361
RoHS Compliant
Catalogue Numbers
J Type Fuse Links to BS88: Part 5
Cylindrical Type
415V / 20 - 250A
Specifications
Description:
Cylindrical type
fuses designed for use with
wedge type fuse carriers on
BS applications
Ratings:
Applications:
For use by Electrical Authorities in
distribution pillars, open type substation boards,
heavy duty cut-outs, and underground connection
boxes. Cylindrical type to be used in pole or wall
mounted outdoor service fuse units.
Agency information:
ASTA certifed and tested to
BS88: Part 5
RoHS Compliant
Catalogue Numbers:
Dimensions
Utility Applications to BS88
Rating
(A)
Catalogue Number
Unit Packing
Diameter
22mm
30mm
5
5KR85
-
20
10
10KR85
-
15
15KR85
-
20
20KR85
-
25
25KR85
-
30
30KR85
30LR85
40
40KR85
40LR85
45
45KR85
-
50
50KR85
50LR85
60
60KR85
60LR85
70
70KR85
-
80
80KR85
80LR85
90
90KR85
-
100
100KR85
100LR85
Rating
(A)
Catalogue Number
Unit
Packing
20
20MJ25-6
20
32
32MJ25-6
40
40MJ25-6
63
63MJ25-6
80
80MJ25-6
100
100MJ25-6
125
125MJ25-6
160
160MJ25-6
200
200MJ25-6
250
250MJ25-6
KR85 Type
LR85 Type
Volts: - 415V
Amps: - 5 - 100A
IR - 33kA @ 415V
Dimensions
Volts: - 415V
Amps: - 20 - 250A
IR - 80kA @ 415V
Data Sheet KR85: 4185
Data Sheet LR85: 4186
Data Sheet: 4177
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com