Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN01C Datasheet(PDF) 27 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 27 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 23Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 24Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 25Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 26Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 27Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 28Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 29Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 30Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 31Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Cylindrical Industrial Fuses
CH
690V / 50 - 125A
Sizes: 14 x 51, 22 x 38
Specifications
Description:
Fuse Holders for
cylindrical industrial fuses. Secured
to DIN rail and screwed. Available
with and without light indicator for active fuse function
and with auxiliary contact for use with plunger fuses.
The auxiliary contact is available in two versions: one
for the detection of fuse actuation and pre-disconnected,
and the other fuse actuation only.
Ratings:
Applications:
Protection of industrial circuits and
electrical appliances.
Agency Information:
EN IEC 60269-3, EN IEC 60947
Dimensions
14 x 51
Volts: - 690V ac
Amps: - 25 - 32A
Size
Poles
Nb of
Modules
References
without
Indicator
References
with
Indicator
References with auxiliary
contact
Current
(A)
Voltage
(V)
UP*
Fuse response/
presence and
pre-disconnect
Fuse response
14 x 51
Neutral
1.5
CH141DNX
-
-
50A
690V
6
1P
1.5
CH141D
CH141DI
CH141DMS-F
CH141DMS
6
1P + N
3
CH141DN CH141DNI
-
-
3
2P
3
CH142D
CH142DI
-
-
3
3P
4.5
CH143D
CH143DI
CH143DMS-F
CH143DMS
2
3P + N
6
CH143DN CH143DNI CH143DNMS-F
CH143DNMS
1
4P
6
CH144D
CH144DI
-
1
22 x 58
Neutral
2
CH221DNX
-
125A
690V
6
1P
2
CH221D
-
CH221DMS
6
1P + N
4
CH221DN
-
3
2P
4
CH222D
-
3
3P
6
CH223D
-
CH223DMS
2
3P + N
8
CH223DN
-
CH22MDNMS
1
4P
8
CH224D
-
1
Description
Size
Ref
UP*
Clips for assembly of multi-pole fuse holder
Multi phase handle Pin connector
8x31, 10x38, 14x51,
14x51
AL-D
CH14-P
12
12
Auxiliary contact for fuse response - 1 pole
Auxiliary contact for fuse response - 3 pole
14x51
14x51
CH14MS-1D
CH14MS-3D
5
2
Catalogue Numbers
Catalogue Numbers
22 x 58
28
*UP: Unit Packing
*UP: Unit Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com