Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN01C Datasheet(PDF) 20 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 20 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 16Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 17Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 18Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 19Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 20Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 21Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 22Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 23Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 24Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NNS, ENS
Safeloc Fuseholder
660V ac / 32 - 63A
Specifications
Description:
Fuseholder to be used with
BS88 Fuse links for bolted panel
mounting or DIN rail.
Ratings:
Applications:
Lighting and heating equipment,
circuit protection, Motor protection, Control equipment
circuit protection
Agency Information:
CE Compliance to BS88, EN
IEC 60269
RoHS Compliant
Dimensions
Catalogue Numbers
BS88 Fuseholders
Volts: - 550V ac, 415V ac (63A)
Amps: - 32, 63A
Rating
(A)
Catalogue
Number
Available Variants
Required
Fuse Link
Unit
Packing
32
32NNSF
Front connected/
Front connected
NSD
10
32NNSBS
Back stud/
Back stud
10
32NNSFBS
Front connected/
Back stud
10
32NNL
Neutral links
10
63
63ENSF
Front connected/
Front connected
ESD
5
63ENSBS
Back stud/
Back stud
5
63ENSFBS
Front connected/
Back stud
5
63ENL
Neutral links
1
Rating
(A)
Part
No
Max
Cable
mm2
Dimensions (mm)
A
B
C
D
E
F
G
H
J
K
32
NNS
16
25.4 80.3 48.5
2.3
16.0 39.2 57.7 17.0
9.7
M6
63
ENS
35
29.1 90.0 55.0
3.3
17.7 75.0 67.9 39.2 11.0
M8
Notes:
1 - For colours other than Black (standard), add the appro-
priate letter code: W = White, G = Green, GY = Grey, at the
end of the catalogue reference.
2 - Security seal (ref. 32551) available for 32A Safeloc
3 - Care must be taken when fitting solid single or stranded
cables of small cross-sectional area to ensure correct
clamping. Small Multi-stranded cables must be terminated
with bootlace ferrules to ensure correct clamping. Bootlace
ferrules should not be used on standard power cables or
high current applications. If in doubt please consult Cooper
Bussmann®
4 - A +5% tolerance should be allowed on dimensions when
cutting metal work to fit Safeloc fuse holders
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com