Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN01C Datasheet(PDF) 15 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 15 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 11Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 12Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 13Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 14Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 15Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 16Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 17Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 18Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 19Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Offset Bolted Tags
240 - 550V / 2 - 32A
Specifications
Description:
Fuse Links for general street lighting
applications with Q1 fusing factor - general purpose (gG)
Applications:
Street lighting applications
SMD
415V ac (gG) / 2 - 32A
Street Lighting Applications to BS88
Ratings:
Agency information:
Meets BS88: Part 1 & 2 (1988),
IEC 269: Parts 1 (1986)
RoHS Compliant
STD
240V ac /2 - 32A
Catalogue Numbers
Rating (A)
Part
Reference
Unit
Packing
2
SMD2
20
4
SMD4
6
SMD6
10
SMD10
16
SMD16
20
SMD20
25
SMD25
32
SMD32
Part
No
Dimensions (mm)
A
B
C
D
SMD
29.0
-
-
12.7
Dimensions
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
STD
47.0 35 24.0 11.0 4.7 12.0 0.8 13.0
Catalogue Numbers
Rating
(A)
Part
Reference
Unit
Packing
2
STD2
20
4
STD4
6
STD6
10
STD10
16
STD16
20
STD20
25
STD25
32
STD32
Dimensions
Volts: - 240 - 415V ac
Amps: - 2 - 32A
IR - 33kA @ 240V ac (STD)
- 80kA @ 415 / 550V ac (SMD)
Data Sheet: 4123
16
Also available as Offset Bladed Tags “SSD”, see page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com