Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN01C Datasheet(PDF) 28 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 28 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 24Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 25Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 26Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 27Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 28Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 29Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 30Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 31Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 32Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuses - Dual Indicator
Class gG - Low Power Loss
400V / 2 - 630A
Sizes 000, 00, 01, 1, 02, 2,
03, 3
Specifications
Description:
Low Power Loss NH Fuses
for industrial protection, gG range (general
protection). Dual Indicator system for fuse operation function
(in the body and in the side plate). Version with voltage free
metal gripping lugs for insulated fuses. The components
used are lead and cadmium free. Fuses subject to HRC
recycling commitment.
Ratings:
Applications:
Protection of large electric distribution
networks, cables and distribution boards where the
minimization of power losses is a requirement. Electrical
utilities and electrical distribution networks
Standards and Approvals:
Conform to standards EN IEC
60269, VDE 0636, DIN 43620, VDE approval.
Dimensions:
see page 35
Size
Rated
Current
(A)
gG-gL
Dual Indicator
Unit
Packing
voltage conducting
gripping lugs
voltage free metal
gripping lugs
000
2
2NHG000B-400
2NHG000BI-400
3
4
4NHG000B-400
4NHG000BI-400
3
6
6NHG000B-400
6NHG000BI-400
3
10
10NHG000B-400
10NHG000BI-400
3
16
16NHG000B-400
16NHG000BI-400
3
20
20NHG000B-400
20NHG000BI-400
3
25
25NHG000B-400
25NHG000BI-400
3
32
32NHG000B-400
32NHG000BI-400
3
35
35NHG000B-400
35NHG000BI-400
3
40
40NHG000B-400
40NHG000BI-400
3
50
50NHG000B-400
50NHG000BI-400
3
63
63NHG000B-400
63NHG000BI-400
3
80
80NHG000B-400
80NHG000BI-400
3
100
100NHG000B-400 100NHG000BI-400
3
0
125
125NHG00B-400
125NHG00BI-400
3
160
160NHG00B-400
160NHG00BI-400
3
01
35
35NHG01B-400
35NHG01BI-400
3
40
40NHG01B-400
40NHG01BI-400
3
50
50NHG01B-400
50NHG01BI-400
3
63
63NHG01B-400
63NHG01BI-400
3
80
80NHG01B-40
80NHG01BI-400
3
100
100NHG01B-400
100NHG01BI-400
3
125
125NHG01B-400
125NHG01BI-400
3
160
160NHG01B-400
160NHG01BI-400
3
1
200
200NHG1B-400
200NHG1BI-400
3
224
224NHG1B-400
224NHG1BI-400
3
250
250NHG1B-400
250NHG1BI-400
02
35
35NHG02B-400
35NHG02BI-400
3
40
40NHG02B-400
40NHG02BI-400
3
50
50NHG02B-400
50NHG02BI-400
3
63
63NHG02B-400
63NHG02BI-400
3
80
80NHG02B-400
80NHG02BI-400
3
100
100NHG02B-400
100NHG02BI-400
3
125
125NHG02B-400
125NHG02BI-400
3
160
160NHG02B-400
160NHG02BI-400
3
200
200NHG02B-400
200NHG02BI-400
3
224
224NHG02B-400
224NHG02BI-400
3
250
250NHG02B-400
250NHG02BI-400
3
2
315
315NHG2B-400
315NHG2BI-400
3
355
355NHG2B-400
355NHG2BI-400
3
400
400NHG2B-400
400NHG2BI-400
3
03
250
250NHG03B-400
250NHG03BI-400
3
315
315NHG03B-400
315NHG03BI-400
3
355
355NHG03B-400
355NHG03BI-400
3
400
400NHG03B-400
400NHG03BI-400
3
3
500
500NHG3B-400
500NHG3BI-400
3
630
630NHG3B-400
630NHG3BI-400
3
Catalogue Numbers
29
Volts: - 400V ac
Amps: - 2 - 630A
IR - 120kA - 400V ac
Data Sheets: 720097 / 720099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com