Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC976 Datasheet HTML 1Page - Texas Instruments SN75LBC976 Datasheet HTML 2Page - Texas Instruments SN75LBC976 Datasheet HTML 3Page - Texas Instruments SN75LBC976 Datasheet HTML 4Page - Texas Instruments SN75LBC976 Datasheet HTML 5Page - Texas Instruments SN75LBC976 Datasheet HTML 6Page - Texas Instruments SN75LBC976 Datasheet HTML 7Page - Texas Instruments SN75LBC976 Datasheet HTML 8Page - Texas Instruments SN75LBC976 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
logic diagram (positive logic)†
29
30
1B −
1B +
37
38
5B +
5B −
52
53
50
51
48
49
46
47
35
36
33
34
31
32 2B+
2B −
3B +
3B −
4B +
4B −
6B +
6B −
7B +
7B −
8B +
8B −
9B +
9B −
28
27
26
25
24
23
22
21
20
19
3
56
11
10
9
8
7
6
5
4
2
55
54
CDE0
Channel 8
Channel 7
Channel 6
Channel 4
Channel 3
Channel 2
9A
9DE/RE
8DE/RE
8A
7DE/RE
7A
6DE/RE
6A
5DE/RE
BSR
BSR
5A
CRE
CDE2
4DE/RE
4A
3DE/RE
3A
2DE/RE
2A
1DE/RE
1A
BSR
CDE1
CDE0
BSR
BSR
CRE
CDE0
† For additional logic diagrams, see Application Information, Table 1 and Figures 7 through 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com