Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976 Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC976 Datasheet HTML 1Page - Texas Instruments SN75LBC976 Datasheet HTML 2Page - Texas Instruments SN75LBC976 Datasheet HTML 3Page - Texas Instruments SN75LBC976 Datasheet HTML 4Page - Texas Instruments SN75LBC976 Datasheet HTML 5Page - Texas Instruments SN75LBC976 Datasheet HTML 6Page - Texas Instruments SN75LBC976 Datasheet HTML 7Page - Texas Instruments SN75LBC976 Datasheet HTML 8Page - Texas Instruments SN75LBC976 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
Copyright
1995, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Nine Differential Channels for the Data and
Control Paths of the Differential Small
Computer Systems Interface (SCSI) and
Intelligent Peripheral Interface (IPI-2)
• Meets or Exceeds the Requirements of
ANSI Standard RS-485 and
ISO 8482:1987(E)
• Packaged in Shrink Small-Outline Package
With 25-mil Terminal Pitch
• Designed to Operate at 10 Million Transfers
Per Second
• Low Disabled Supply Current
1.4 mA Typical
• Thermal-Shutdown Protection
• Power-Up/Power-Down Glitch Protection
• Positive and Negative Output-Current
Limiting
• Open-Circuit Fail-Safe Receiver Design
description
The SN75LBC976 is a nine-channel differential
transceiver based on the 75LBC176 LinASIC
cell.
Use
of
TI’s
LinBiCMOS
† process
technology allows the power reduction necessary
to integrate nine differential transceivers. On-chip
enabling logic makes this device applicable for the
data path (eight data bits plus parity) and the
control path (nine bits) for both the Small
Computer Systems Interface (SCSI) and the
Intelligent Peripheral Interface (IPI-2) standard
data interfaces.
The SN75LBC976 is packaged in a shrink
small-outline package (DL) with improved thermal
characteristics using heat-sink terminals. This
package is ideal for low-profile, space-restricted
applications such as hard disk drives.
The switching speed and testing capabilities of the SN75LBC976 are sufficient to transfer data over the data
bus at 10 million transfers per second. Each of the nine channels conforms to the requirements of the ANSI
RS-485 and ISO 8482:1987(E) standards referenced by ANSI X3.129-1986 (IPI), ANSI X3.131-1993 (SCSI-2),
and the proposed SCSI-3 standards.
The SN75LBC976 is characterized for operation from 0
°C to 70°C.
LinASIC and LinBiCMOS are trademarks of Texas Instruments Incorporated.
† Patent pending
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
BSR
CRE
1A
1DE/RE
2A
2DE/RE
3A
3DE/RE
4A
4DE/RE
VCC
GND
GND
GND
GND
GND
VCC
5A
5DE/RE
6A
6DE/RE
7A
7DE/RE
8A
8DE/RE
9A
9DE/RE
CDE2
CDE1
CDE0
9B +
9B −
8B +
8B −
7B +
7B −
6B +
6B −
VCC
GND
GND
GND
GND
GND
VCC
5B +
5B −
4B +
4B −
3B +
3B −
2B +
2B −
1B +
1B −
DL PACKAGE
(TOP VIEW)
Pins 13 through 17 and 40 through 44
are connected together to the package
lead frame and signal ground.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75LBC976

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A Datasheet
336Kb / 21P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADL TI-SN75LBC970ADL Datasheet
309Kb / 20P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADL TI1-SN75LBC970ADL Datasheet
336Kb / 21P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADLR TI1-SN75LBC970ADLR Datasheet
336Kb / 21P
SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75LBC976

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
9 Channel Bus LVDS Transceiver
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
9 Channel Bus LVDS Transceiver
logo
Texas Instruments
SN75976A TI-SN75976A Datasheet
719Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
9 Channel Bus LVDS Transceiver
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com