Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976 Datasheet(PDF) 15 Page - Texas Instruments

Part # SN75LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN75LBC976 Datasheet HTML 11Page - Texas Instruments SN75LBC976 Datasheet HTML 12Page - Texas Instruments SN75LBC976 Datasheet HTML 13Page - Texas Instruments SN75LBC976 Datasheet HTML 14Page - Texas Instruments SN75LBC976 Datasheet HTML 15Page - Texas Instruments SN75LBC976 Datasheet HTML 16Page - Texas Instruments SN75LBC976 Datasheet HTML 17Page - Texas Instruments SN75LBC976 Datasheet HTML 18Page - Texas Instruments SN75LBC976 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
Table 1. Typical Signal and Terminal Assignments
SIGNAL
TERMINAL
SCSI DATA
SCSI CONTROL
IPI DATA
IPI CONTROL
CDE0
54
DIFFSENSE
DIFFSENSE
VCC
VCC
CDE1
55
GND
GND
XMTA, XMTB
GND
CDE2
56
GND
GND
XMTA, XMTB
SLAVE/MASTER
BSR
2
GND
GND
GND, BSR
GND
CRE
3
GND
GND
GND
VCC
1A
4
DB0, DB8
ATN
AD7, BD7
NOT USED
1DE/RE
5
DBE0, DBE8
INIT EN
GND
GND
2A
6
DB1, DB9
BSY
AD6, BD6
NOT USED
2DE/RE
7
DBE1, DBE9
BSY EN
GND
GND
3A
8
DB2, DB10
ACK
AD5, BD5
SYNC IN
3DE/RE
9
DBE2, DBE10
INIT EN
GND
GND
4A
10
DB3, DB11
RST
AD4, BD4
SLAVE IN
4DE/RE
11
DBE3, DBE11
GND
GND
GND
5A
19
DB4, DB12
MSG
AD3, BD3
NOT USED
5DE/RE
20
DBE4, DBE12
TARG EN
GND
GND
6A
21
DB5, DB13
SEL
AD2, BD2
SYNC OUT
6DE/RE
22
DBE5, DBE13
SEL EN
GND
GND
7A
23
DB6, DB14
C/D
AD1, BD1
MASTER OUT
7DE/RE
24
DBE6, DBE14
TARG EN
GND
GND
8A
25
DB7, DB15
REQ
AD0, BD0
SELECT OUT
8DE/RE
26
DBE7, DBE15
TARG EN
GND
GND
9A
27
DBP0, DBP1
I/O
AP, BP
ATTENTION IN
9DE/RE
28
DBPE0, DBPE1
TARG EN
XMTA, XMTB
VCC
ABBREVIATIONS:
DBn, data bit n, where n = (0,1, . . . ,15)
DBEn, data bit n enable, where n = (0,1, . . . ,15)
DBP0, parity bit for data bits 0 through 7 or IPI bus A
DBPE0, parity bit enable for P0
DBP1, parity bit for data bits 8 through 15 or IPI bus B
DBPE1, parity bit enable for P1
ADn or BDn, IPI Bus A − Bit n (ADn) or Bus B − Bit n (BDn), where n = (0,1, ...,7)
AP or BP, IPI parity bit for bus A or bus B
XMTA or XMTB, transmit enable for IPI bus A or B
BSR, bit significant response
INIT EN, common enable for SCSI initiator mode
TARG EN, common enable for SCSI target mode
NOTE: Signal inputs are shown as active high. If only active-low inputs are available, logic inversion is
accomplished by reversing the B + and B − connecter terminal assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com