Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976 Datasheet(PDF) 14 Page - Texas Instruments

Part # SN75LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN75LBC976 Datasheet HTML 10Page - Texas Instruments SN75LBC976 Datasheet HTML 11Page - Texas Instruments SN75LBC976 Datasheet HTML 12Page - Texas Instruments SN75LBC976 Datasheet HTML 13Page - Texas Instruments SN75LBC976 Datasheet HTML 14Page - Texas Instruments SN75LBC976 Datasheet HTML 15Page - Texas Instruments SN75LBC976 Datasheet HTML 16Page - Texas Instruments SN75LBC976 Datasheet HTML 17Page - Texas Instruments SN75LBC976 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
0.4
0.2
0
160
165
170
0.6
0.8
1
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
175
25
20
0
025
50
30
35
75
RECEIVER
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
100
− 25
VCC = 4.75 V
VCC = 5.25 V
B+ and B −
15
10
5
Figure 17
Figure 18
15
10
0
025
50
20
25
75
DRIVER
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
100
− 25
VCC = 4.75 V
VCC = 5.25 V
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com