Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LBC976 Datasheet HTML 6Page - Texas Instruments SN75LBC976 Datasheet HTML 7Page - Texas Instruments SN75LBC976 Datasheet HTML 8Page - Texas Instruments SN75LBC976 Datasheet HTML 9Page - Texas Instruments SN75LBC976 Datasheet HTML 10Page - Texas Instruments SN75LBC976 Datasheet HTML 11Page - Texas Instruments SN75LBC976 Datasheet HTML 12Page - Texas Instruments SN75LBC976 Datasheet HTML 13Page - Texas Instruments SN75LBC976 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
0 V 3 V
S3
74HC241
A
DE/RE
Input
(see Note A)
VA
CDE0 at 5 V,
CDE1, CDE2, BSR,
and CRE at 0 V,
All Others Open
B+
B−
50 pF†
50 pF†
S1
0 V
5 V
R1
165
Ω
75
Ω
R2
165
Ω
5 V
0 V
VOD
S2
Input
VA
VOD
Input
VA
VOD
3 V
0 V
1.4 V
ten(TXH)
0 V
3 V
0 V
1.4 V
0 V
ten(TXL)
S1 to 0 V
S2 to 5 V
S3 to 3 V
S1 to 5 V
S2 to 0 V
S3 to 0 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
1.5 V
1.5 V
ten(RXL)
ten(RXH)
1.5 V
1.5 V
† Includes probe and jig capacitance.
NOTE A: The input is provided by a pulse generator with an output of 0 to 3 V, PRR of 1 MHz, 50% duty cycle, tr and tf < 6 ns, and ZO = 50 Ω.
Figure 6. Enable Time Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com