Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC976 Datasheet HTML 2Page - Texas Instruments SN75LBC976 Datasheet HTML 3Page - Texas Instruments SN75LBC976 Datasheet HTML 4Page - Texas Instruments SN75LBC976 Datasheet HTML 5Page - Texas Instruments SN75LBC976 Datasheet HTML 6Page - Texas Instruments SN75LBC976 Datasheet HTML 7Page - Texas Instruments SN75LBC976 Datasheet HTML 8Page - Texas Instruments SN75LBC976 Datasheet HTML 9Page - Texas Instruments SN75LBC976 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
receiver switching characteristics over recommended operating conditions (see Figure 5) (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Propagation delay time, high- to low-level output (t
) or
21.5
33
tpd
Propagation delay time, high- to low-level output (tPLH) or
low- to high-level output (tPHL)
VCC = 5 V,
TA = 25°C
22.6
31.6
ns
tpd
low- to high-level output (tPHL)
VCC = 5 V,
TA = 70°C
23.4
32.4
ns
tsk(lim)
Skew limit, the maximum difference in propagation delay times
12
ns
tsk(lim)
Skew limit, the maximum difference in propagation delay times
between any two drivers on any two devices
VCC = 5 V,
See Note 2
9
ns
tsk(p)
Pulse skew ( | tPHL − tPLH|)
2
6
ns
tt
Transition time ( tr or tf )
3
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 2: This specification applies to any 5
°C band within the operating temperature range.
transceiver switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ten(RXL)
Enable time, transmit-to-receive to low-level output
150
ns
ten(RXH) Enable time, transmit-to-receive to high-level output
150
ns
ten(TXL)
Enable time, receive-to-transmit to low-level output
See Figure 6
80
ns
ten(TXH)
Enable time, receive-to-transmit to high-level output
See Figure 6
80
ns
tsu
Setup time, CDE0, CDE1, CDE2, BSR, or CRE to active input(s) or output(s)
150
ns
thermal characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction-to-free-air thermal resistance
Board mounted,
No air flow
50
°C/W
RθJC Junction-to-case thermal resistance
12
°C/W
PARAMETER MEASUREMENT INFORMATION
CDE0, CDE1, CDE2,
CRE, and BSR at 0 V,
Others Open,
(see Note A)
B+
B−
A
VIT + ,
VIT −,
or
VID
VOH
or
VOL
−IOH,
−IOL,
or
−IOZ
−II,
−IIH,
or
−IIL
VI,
VIC,
VIH,
or
VIL
NOTE A: For the IOZ measurement, BSR is at 5 V and CDE0, CDE1, and CDE2 are at 0 V.
Figure 1. Receiver Test Circuit and Input Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com