Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5721 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5721 Datasheet HTML 1Page - Texas Instruments TAS5721 Datasheet HTML 2Page - Texas Instruments TAS5721 Datasheet HTML 3Page - Texas Instruments TAS5721 Datasheet HTML 4Page - Texas Instruments TAS5721 Datasheet HTML 5Page - Texas Instruments TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
Digital Audio
Processor
(DAP)
I C Control Port
2
Internal Register/State Machine Interface
Stereo Headphone
Amplifier
PVDD
DVDD
MCLK Monitoring
and Watchdog
Charge Pump
AVDD
PDN
RST
SPK_OUTA
SPK_OUTD
SDIN
MCLK
SCLK
LRCLK
DR_INA
DR_INB
DR_VSS
DR_OUTA
DR_OUTB
TAS5721
SCL
SDA
Serial Audio Port
(SAP)
Sample Rate
Auto-Detect
PLL
Open Loop 4 Channel
PWM Amplifier
Sensing and
Protection
Temperature
Short Circuits
PVDD Voltage
Output Current
Fault Notification
SPK_OUTB
SPK_OUTC
Sample Rate
Converter
(SRC)
Digital to PWM
Converter
(DPC)
Click and Pop
Suppression
3 Ch. PWM
Modulator
Noise Shaping
Power-On Reset
(POR)
Internal Voltage Supplies
Internal Regulation and Power Distribution
DR_CP
DR_CN
DRVDD
DRVDD
DRVDD
TAS5721
SLOS739 – JULY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The TAS5721 is an efficient, digital-input audio amplifier for driving 2.0 speaker systems configured as a bridge
tied load (BTL), 2.1 systems with two satellite speakers and one subwoofer, or in PBTL systems driving a single
speaker configured as a parallel bridge tied load (PBTL). One serial data input allows processing of up to two
discrete audio channels and seamless integration to most digital audio processors and MPEG decoders. The
device accepts a wide range of input data formats and sample rates. A fully programmable data path routes
these channels to the internal speaker drivers.
The TAS5721 is a slave-only device, receiving all clocks from external sources. The TAS5721 operates with a
PWM carrier frequency between a 384-kHz switching rate and a 288-KHz switching rate, depending on the input
sample rate. Oversampling, combined with a fourth-order noise shaper, provides a flat noise floor and excellent
dynamic range from 20 Hz to 20 kHz.
An integrated ground centered DirectPath™ combination headphone amplifier and 2VRMS line driver is integrated
in the TAS5721.
Figure 1. DAP Process Structure
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com