Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5721 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5721 Datasheet HTML 1Page - Texas Instruments TAS5721 Datasheet HTML 2Page - Texas Instruments TAS5721 Datasheet HTML 3Page - Texas Instruments TAS5721 Datasheet HTML 4Page - Texas Instruments TAS5721 Datasheet HTML 5Page - Texas Instruments TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
TAS5721
SLOS739 – JULY 2012
www.ti.com
Pin Out (continued)
DR_OUTx
8, 9
AO
-
Output for channel A or B of headphone amplifier or line driver
DR_SD
39
DI
-
Places the headphone amplifier/line driver in shutdown when pulled low.
DR_VSS
11
P
-
Negative supply generated by charge pump for ground centered
headphone and line driver output
DRVDD
14
P
-
Power supply for internal headphone and line driver circuitry
DVDD
34
P
-
Power supply for the internal digital circuitry
DVDD_REG
24
P
-
Voltage regulator derived from DVDD supply(3)
GVDD_REG
40
P
-
Voltage regulator derived from PVDD supply(3)
LRCLK
26
DI
Pulldown
Word select clock for the digital signal that is active on the input data line of
the serial port
MCLK
21
DI
Pulldown
Master clock used for internal clock tree and sub-circuit and state machine
clocking
NC
31
-
-
Not connected inside the device (all no connect terminals should be
connected to ground)
OSC_GND
23
P
-
Ground reference for oscillator circuitry (this terminal should be connected
to the system ground)
OSC_RES
22
AO
-
Connection point for oscillator trim resistor
PDN
25
DI
Pullup
Quick powerdown of the device that is used upon an unexpected loss of
PVDD or DVDD power supply in order to quickly transition the outputs of
the speaker amplifier to a 50/50 duty cycle. This quick powerdown feature
avoids the audible anamolies that would occur as a result of loss of either
of the supplies. If this pin is used to place the device into quick powerdown
mode, the RST pin of the device must be toggled before the device is
brought out of quick powerdown.
PGND
1
P
-
Ground reference for power device circuitry(4)
PLL_FLTM
16
AI/AO
-
Negative connection point for the PLL loop filter components
PLL_FLTP
17
AI/AO
-
Positive connection point for the PLL loop filter components
PLL_GND
15
P
-
Ground reference for PLL circuitry (this terminal should be connected to the
system ground)
PowerPAD
-
P
-
Thermal and ground pad thatprovides both an electrical connection to the
ground plane and a thermal path to the PCB for heat dissipation. This pad
must be grounded to the system ground.
PVDD
4, 41
P
-
Power supply for internal power circuitry
RST
32
DI
Pullup
Places the device in reset when pulled low
SCL
30
DI
-
I2C serial control port clock
SCLK
27
DI
Pulldown
Bit clock for the digital signal that is active on the input data line of the
serial data port
SDA
29
DI/DO
-
I2C serial control port data
SDIN
28
DI
Pulldown
Data line to the serial data port
SPK_OUTx
2, 43, 45,
AO
-
Speaker amplifier outputs
48
SSTIMER
38
AI
-
Connection point for the capacitor that is used by the ramp timing circuit,
as described in Output Mode and MUX Selection
TEST1
5
DO
-
Used by TI for testing during device production (this terminal must be left
floating)
TEST2
6
DO
-
Used by TI for testing during device production (this terminal must be left
floating)
TEST3
33
DI
-
Used by TI for testing during device production (this terminal must be
connected to GND)
(4)
This terminal should be connected to the system ground
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com