Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5721 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 51Page - Texas Instruments TAS5721 Datasheet HTML 52Page - Texas Instruments TAS5721 Datasheet HTML 53Page - Texas Instruments TAS5721 Datasheet HTML 54Page - Texas Instruments TAS5721 Datasheet HTML 55Page - Texas Instruments TAS5721 Datasheet HTML 56Page - Texas Instruments TAS5721 Datasheet HTML 57Page - Texas Instruments TAS5721 Datasheet HTML 58Page - Texas Instruments TAS5721 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
TAS5721
www.ti.com
SLOS739 – JULY 2012
Supply Pumping and Polarity Inversion
The high degree of correlation between the left and right channels of a stereo audio signal dictates that, when
the left audio signal is positive, the right audio signal tends to be positive as well. When the Class D is configured
for single-ended operation (as would be the case for Single Device 2.1 Operation), this results in both outputs
drawing current from the supply rail "in phase". Similarly, when the left audio signal is negative, the right audio
signal tends to be negative as well. For single-ended operation, both outputs will likewise force current into the
ground rail. This can lead to a phenomenon called "supply pumping" in which the capacitances on the PVDD rail
begin to store charge- raising the voltage level of PVDD as well. This noise injection onto the rail is in phase with
and at a similar frequency of the signal being produced by the amplifier output stage. This phenomenon can
cause issues for other devices attached to the PVDD rail. The problem does not occur for BTL outputs since
outputs of both polarities are always present for each channel.
To combat supply pumping in 2.1 Mode, the device has an integrated speaker-mode volume negation feature,
which, essentially introduces a polarity inversion (shift by 180°) to any of the given channels. By setting the
correct bit in 0x20[31:24], it is possible to invert the polarity of the DAP channels that drive the PWM modulator
blocks. This allows, for instance, the left channel to operate with its default polarity, while the right channel could
have its polarity inverted to balance current flow into and out of the supplies. This procedure could have an
adverse implication on the stereo imaging of the audio system because, if the speakers in the system are
connected in the same manner as they would be connected when being driven by traditional BTL channels, the
phase of the signals being sent to the speakers is 180° out of phase. In order to prevent this from occurring, the
speaker on the negated channel must be connected "backwards" (i.e. the Class D signal for the negated channel
gets connected to the negative speaker terminal and the positive terminal is grounded). In this way, supply
pumping is reduced while keeping the effective signal polarity the same. The table above includes register
settings which enable the polarity inversion, so care should be taken to adjust the polarity of the speakers if this
feature is left enabled. Of course this feature can be left disabled if desired, provided the supply pumping
phenomenon doesn't cause any other system level issues
PBTL-Mode Support
The TAS5721 supports parallel BTL (PBTL) mode with OUT_A/OUT_B (and OUT_C/OUT_D) connected after
the LC filter. In order to put the part in PBTL configuration, the PWM output multiplexers should be updated to
set the device in PBTL mode. Output Mux Register (0x25) should be written with a value of 0x01 10 32 45. Also,
the PWM shutdown register (0x19) should be written with a value of 0x3A.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com