Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5721 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 59Page - Texas Instruments TAS5721 Datasheet HTML 60Page - Texas Instruments TAS5721 Datasheet HTML 61Page - Texas Instruments TAS5721 Datasheet HTML 62Page - Texas Instruments TAS5721 Datasheet HTML 63Page - Texas Instruments TAS5721 Datasheet HTML 64Page - Texas Instruments TAS5721 Datasheet HTML 65Page - Texas Instruments TAS5721 Datasheet HTML 66Page - Texas Instruments TAS5721 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
in
in
in
in
in
in
1
1
fc
=
C
=
2
R
C
2
fc
R
p
p
´
´
´
´
R
in
R
fb
+
–
C
in
–In
S0446-01
TAS5721
www.ti.com
SLOS739 – JULY 2012
Decoupling Capacitors
The TAS5721 is a DirectPath amplifier that requires adequate power supply decoupling to ensure that the noise
and total harmonic distortion (THD) are low. A good low equivalent-series-resistance (ESR) ceramic capacitor,
typically 1 µF, placed as close as possible to the device PVDD leads works best. Placing this decoupling
capacitor close to the TAS5721 is important for the performance of the amplifier. For filtering lower frequency
noise signals, a 10µF or greater capacitor placed near the audio power amplifier would also help, but it is not
required in most applications because of the high PSRR of this device. Please refer to the TAS5721 for the
recommended layout for these components.
Gain Setting Resistors Ranges
The gain setting resistors, Rin and Rfb, must be chosen so that noise, stability and input capacitor size of the
TAS5721 is kept within acceptable limits. Voltage gain is defined as Rfb divided by Rin. Selecting values that are
too low demands a large input ac-coupling capacitor, CIN. Selecting values that are too high increases the noise
of the amplifier. Table 24 lists the recommended resistor values for different gain settings.
Table 24. Recommended Resistor Values
INPUT RESISTOR
FEEDBACK RESISTOR
DIFFERENTIAL
INVERTING INPUT
NON INVERTING
VALUE, Rin
VALUE, Rfb
INPUT GAIN
GAIN
INPUT GAIN
10 k
Ω
10 k
Ω
1 V/V
–1 V/V
2 V/V
10 k
Ω
15 k
Ω
1.5 V/V
–1.5 V/V
2.5 V/V
10 k
Ω
20 k
Ω
2 V/V
–2 V/V
3 V/V
4.7 k
Ω
47 k
Ω
10 V/V
–10 V/V
11 V/V
Figure 75. Inverting Gain Configuration
Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
TAS5721. These capacitors block the DC portion of the audio source and allow the TAS5721 inputs to be
properly biased to provide maximum performance. The input blocking capacitors also limit the DC gain to 1,
limiting the DC-offset voltage at the output.
These capacitors form a high-pass filter with the input resistor, Rin. The cutoff frequency is calculated using
Equation 1. For this calculation, the capacitance used is the input-blocking capacitor and the resistance is the
input resistor chosen from Table 24, then the frequency and/or capacitance can be determined when one of the
two values is given.
(1)
Using the TAS5721 as a Second Order Filter
Several audio DACs used today require an external low-pass filter to remove out of band noise. This is possible
with the TAS5721 as it can be used like a standard OPAMP. Several filter topologies can be implemented, both
single ended and differential. In the figure below a Multi Feed Back (MFB), with differential input and single
ended input is shown.
An AC-coupling capacitor to remove DC-content from the source is shown. It serves to block any DC content
from the source and lowers the DC-gain to 1, helping reduce the output dc-offset to a minimum.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com