Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5721 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments TAS5721 Datasheet HTML 10Page - Texas Instruments TAS5721 Datasheet HTML 11Page - Texas Instruments TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments TAS5721 Datasheet HTML 15Page - Texas Instruments TAS5721 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
TAS5721
SLOS739 – JULY 2012
www.ti.com
Speaker Amplifier Characteristics
TA = 25°C, PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, audio input signal =1 kHz sine wave, BTL, AD mode, fS = 48
kHz, RSPK = 8 Ω, AES17 filter, fPWM = 384 kHz, external components per Typical Application Circuit diagrams, and in
accordance with recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V, RSPK = 8Ω, 1-kHz input signal
10
PVDD = 12 V, RSPK = 8Ω, 10% THD+N, 1-kHz
8.8
input signal
Power output per channel of
PVDD = 12 V, RSPK = 8Ω, 7% THD+N, 1-kHz input
PoSPK
8.3
speaker amplifier when used in
signal
(BTL)
BTL mode (1)
PVDD = 8 V, RSPK = 8Ω, 10% THD+N, 1-kHz input
4
signal
PVDD = 8 V, RSPK = 8Ω, 7% THD+N, 1-kHz input
3.8
signal
W
PVDD = 12 V, RSPK = 4Ω,
10
10% THD+N, 1-kHz input signal
Power output per channel of
PoSPK
PVDD = 12 V, RSPK = 4Ω,
speaker amplifier when used in
10
(PBTL)
7% THD+N, 1-kHz input signal
PBTL mode (1)
PVDD = 18 V, RSPK = 4Ω,
10
1-kHz input signal
PVDD = 12 V, RSPK = 4 Ω,
4.3
Power output per channel of
10% THD+N, 1-kHz input signal
PoSPK
speaker amplifier when used in
(SE)
PVDD = 24 V, RSPK = 4 Ω,
SE mode (1)
5.5
10% THD+N, 1-kHz input signal
PVDD = 18 V, PO = 1 W
0.07
Total harmonic distortion +
THD+N
PVDD = 12 V, PO = 1 W
0.11
%
noise
PVDD = 8 V, PO = 1 W
0.2
ICN
Idle channel noise
A-weighted
61
μV
PO = 1 W, f = 1 kHz (BD Mode), PVDD = 24 V
58
dB
Crosstalk
PO =1 W, f = 1 kHz (AD Mode), PVDD = 24 V
48
dB
A-weighted, f = 1 kHz, maximum power at THD <
SNR
Signal-to-noise ratio(2)
106
dB
1%
11.025/22.05/44.1-kHz data rate ±2%
352.8
fPWM
Output switching frequency
kHz
48/24/12/8/16/32-kHz data rate ±2%
384
Normal mode
32
50
IPVDD
Supply current
No load (PVDD)
mA
Reset (RST = low, PDN =
5
8
high)
Drain-to-source resistance (for
rDS(on)
each of the Low-Side and High- TJ = 25°C, includes metallization resistance
200
m
Ω
Side Devices)
Internal pulldown resistor at the
Connected when drivers are in the high-impedance
RPD
3
k
Ω
output of each half-bridge
state to provide bootstrap capacitor charge.
(1)
Power levels are thermally limited.
(2)
SNR is calculated relative to 0-dBFS input level.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com