Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5721 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 5Page - Texas Instruments TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments TAS5721 Datasheet HTML 10Page - Texas Instruments TAS5721 Datasheet HTML 11Page - Texas Instruments TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
t
w(RST)
RST
t
d(I2C_ready)
System Initialization.
Enable via I C.
2
T0421-01
I C Active
2
I C Active
2
TAS5721
www.ti.com
SLOS739 – JULY 2012
I/O Pin Characteristics (continued)
PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, external components per Typical Application Circuit diagrams, and in
accordance with recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Normal mode
48
70
3.3 V supply voltage (DVDD,
IDD
3.3 V supply current
mA
Reset (RST = low, PDN
AVDD)
21
38
= high, DR_SD = low)
tw(RST)
Pulse duration, RST active
RST
100
μs
td(I2C_ready)
Time before the I2C port is able
12
ms
communicate after RST goes
high
NOTE: On power up, it is recommended that the TAS5721 RST be held LOW for at least 100
μs after DVDD has reached 3
V.
NOTE: If RST is asserted LOW while PDN is LOW, then RST must continue to be held LOW for at least 100
μs after PDN is
deasserted (HIGH).
Figure 5. Reset Timing
Master Clock Characteristics
(1)
PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, external components per Typical Application Circuit diagrams, and in
accordance with recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLK
MCLK frequency
2.8224
24.576
MHz
MCLK duty cycle
40%
50%
60%
tr(MCLK) / tf(MCLK)
Rise/fall time for MCLK
5
ns
(1)
For clocks related to the serial audio port, please see Serial Audio Port Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com