Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AX Datasheet(PDF) 12 Page - SONiX Technology Company

Part # SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Datasheet(HTML) 12 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 8Page - SONiX Technology Company SN8P1602AX Datasheet HTML 9Page - SONiX Technology Company SN8P1602AX Datasheet HTML 10Page - SONiX Technology Company SN8P1602AX Datasheet HTML 11Page - SONiX Technology Company SN8P1602AX Datasheet HTML 12Page - SONiX Technology Company SN8P1602AX Datasheet HTML 13Page - SONiX Technology Company SN8P1602AX Datasheet HTML 14Page - SONiX Technology Company SN8P1602AX Datasheet HTML 15Page - SONiX Technology Company SN8P1602AX Datasheet HTML 16Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 12
Revision 1.94
OTP Type:
SN8P1604K (SKDIP 28 pins)
SN8P1604S (SOP 28 pins)
P0.1
1
U
28
RST
VDD
2
27
XIN
VPP/VDD
3
26
XOUT/Fcpu
VSS
4
25
P2.7
P0.0/INT0
5
24
P2.6
P5.0
6
23
P2.5
P5.1
7
22
P2.4
P5.2
8
21
P2.3
P5.3/BZ1/PWM1
9
20
P2.2
P1.0
10
19
P2.1
P1.1
11
18
P2.0
P1.2
12
17
P1.7
P1.3
13
16
P1.6
P1.4
14
15
P1.5
SN8P1604K
SN8P1604S
MASK Type:
SN8A1604AK (SKDIP 28 pins)
SN8A1604AS (SOP 28 pins)
P0.1
1
U
28
RST
VDD
2
27
XIN
P0.2
3
26
XOUT/Fcpu
VSS
4
25
P2.7
P0.0/INT0
5
24
P2.6
P5.0
6
23
P2.5
P5.1
7
22
P2.4
P5.2
8
21
P2.3
P5.3/BZ1/PWM1
9
20
P2.2
P1.0
10
19
P2.1
P1.1
11
18
P2.0
P1.2
12
17
P1.7
P1.3
13
16
P1.6
P1.4
14
15
P1.5
SN8A1604AK
SN8A1604AS
Notice: Different pins between MASK and OTP:
Pin 3 of SN8A1604A is P0.2 but it is VPP in SN8P1604. Pull up P0.2 to VDD if no use to avoid extra power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com