Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AX Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Datasheet(HTML) 2 Page - SONiX Technology Company

  SN8P1602AX Datasheet HTML 1Page - SONiX Technology Company SN8P1602AX Datasheet HTML 2Page - SONiX Technology Company SN8P1602AX Datasheet HTML 3Page - SONiX Technology Company SN8P1602AX Datasheet HTML 4Page - SONiX Technology Company SN8P1602AX Datasheet HTML 5Page - SONiX Technology Company SN8P1602AX Datasheet HTML 6Page - SONiX Technology Company SN8P1602AX Datasheet HTML 7Page - SONiX Technology Company SN8P1602AX Datasheet HTML 8Page - SONiX Technology Company SN8P1602AX Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Revision 1.94
AMENDENT HISTORY
Version
Date
Description
VER 1.90
Sep. 2002
V1.9 first issue
VER 1.91
Sep. 2002
Correct some V1.9 typing errors
VER 1.92
Oct. 2002
1.
Correct some template code errors
2.
Modify description of code option
3.
Modify approval form section
4.
Modify description of TC1 timer and add more explanation about PWM function
VER 1.93
Feb. 2003
1.
Extend chip operating temperature from “0
°C ~ +70°C” to “-20°C ~ +70°C”.
2.
Change the description of ADD M,A instruction from “M
M+A” to “M
A+M”
3.
Change “ACC can’t be access by “B0MOV” instruction” to “ACC can’t be access by
“B0MOV” instruction during the instant addressing mode”.
4.
Correct the description of STKn.
5.
Correct the bit definition of INTEN register.
6.
Correct the description of “TC1 CLOCK FREQUENCY OUTPUT” section.
7.
Correct an error of template code: “b0bclr FWDRST”
“b0bset FWDRST”.
8.
Add a notice about OSCM register access cycle.
9.
Correct the table of “STANDARD ELECTRICAL CHARACTERISTICS”.
VER 1.94
Sep. 2003
1.
Add new section about checksum calculate must avoid 04H~07H
2.
Reserved Last 16 word ROM addresses
3.
Remove register bit description
4.
Modify TC0M description.
5.
Modify TC1M description.
6.
Modify PWM description
7.
Modify slow mode current.
8.
Change code option to chapter2
9.
Adjust Electrical characteristic page
10. Remove approval sheet.
11. Remove PCB layout notice section.
12. Modify the description of INTRQ register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com