Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AX Datasheet(PDF) 60 Page - SONiX Technology Company

Part # SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Datasheet(HTML) 60 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 56Page - SONiX Technology Company SN8P1602AX Datasheet HTML 57Page - SONiX Technology Company SN8P1602AX Datasheet HTML 58Page - SONiX Technology Company SN8P1602AX Datasheet HTML 59Page - SONiX Technology Company SN8P1602AX Datasheet HTML 60Page - SONiX Technology Company SN8P1602AX Datasheet HTML 61Page - SONiX Technology Company SN8P1602AX Datasheet HTML 62Page - SONiX Technology Company SN8P1602AX Datasheet HTML 63Page - SONiX Technology Company SN8P1602AX Datasheet HTML 64Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 60
Revision 1.94
TC1 TIMER COUNTER OPERATION SEQUENCE
The TC1 timer’s sequence of operation can be following.
Set the TC1C initial value to setup the interval time.
Set the TC1ENB to be “1” to enable TC1 timer counter.
TC1C is incremented by one with each clock pulse which frequency is corresponding to TC1M selection.
TC1C overflow if TC1C from FFH to 00H.
When TC1C overflow occur, the TC1IRQ flag is set to be “1” by hardware.
Execute the interrupt service routine.
Users reset the TC1C value and resume the TC1 timer operation.
Example: Setup the TC1M and TC1C without auto-reload function.
B0BCLR
FTC1IEN
; To disable TC1 interrupt service
B0BCLR
FTC1ENB
; To disable TC1 timer
MOV
A,#20H
;
B0MOV
TC1M,A
; To set TC1 clock = fcpu / 64
MOV
A,#74H
; To set TC1C initial value = 74H
B0MOV
TC1C,A
;(To set TC1 interval = 10 ms)
B0BSET
FTC1IEN
; To enable TC1 interrupt service
B0BCLR
FTC1IRQ
; To clear TC1 interrupt request
B0BSET
FTC1ENB
; To enable TC1 timer
Example: Setup the TC1M and TC1C with auto-reload function.
B0BCLR
FTC1IEN
; To disable TC1 interrupt service
B0BCLR
FTC1ENB
; To disable TC1 timer
MOV
A,#20H
;
B0MOV
TC1M,A
; To set TC1 clock = fcpu / 64
MOV
A,#74H
; To set TC1C initial value = 74H
B0MOV
TC1C,A
; (To set TC1 interval = 10 ms)
B0MOV
TC1R,A
; To set TC1R auto-reload register
B0BSET
FTC1IEN
; To enable TC1 interrupt service
B0BCLR
FTC1IRQ
; To clear TC1 interrupt request
B0BSET
FTC1ENB
; To enable TC1 timer
B0BSET
ALOAD1
; To enable TC1 auto-reload function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com