Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AX Datasheet(PDF) 50 Page - SONiX Technology Company

Part # SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Datasheet(HTML) 50 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 46Page - SONiX Technology Company SN8P1602AX Datasheet HTML 47Page - SONiX Technology Company SN8P1602AX Datasheet HTML 48Page - SONiX Technology Company SN8P1602AX Datasheet HTML 49Page - SONiX Technology Company SN8P1602AX Datasheet HTML 50Page - SONiX Technology Company SN8P1602AX Datasheet HTML 51Page - SONiX Technology Company SN8P1602AX Datasheet HTML 52Page - SONiX Technology Company SN8P1602AX Datasheet HTML 53Page - SONiX Technology Company SN8P1602AX Datasheet HTML 54Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 50
Revision 1.94
WAKEUP TIME
OVERVIEW
The external high-speed oscillator needs a delay time from stopping to operating. The delay is very necessary and
makes the oscillator work stably. The external high-speed oscillator sometimes starts and stops at different situations.
The delay time for external high-speed oscillator restart is called Wakeup time.
Following are two conditions need Wakeup time. One is switching power down mode to normal mode. The other is
switching slow mode to normal mode. For the first case, SN8P1600 provides 2048 oscillator clocks as the Wakeup
time. The second case, users need to calculate the Wakeup time.
HARDWARE WAKEUP
When the system is in power down mode (sleep mode), the external high-speed oscillator stops. When waked up from
power down mode, MCU waits for 2048 external high-speed oscillator clocks as the Wakeup time to stable the
oscillator circuit. After the Wakeup time, the system goes into the normal mode. The value of the Wakeup time is as the
following.
The Wakeup time = 1/Fosc * 2048 (sec) + X’tal settling time
The x’tal settling time is depended on the x’tal type. Typically, it is about 2~4mS.
Example: In power down mode (sleep mode), the system is waked up by P0 or P1 trigger signal. After the
Wakeup time, the system goes into normal mode. The Wakeup time of P0, P1 Wakeup function is as the
following.
The Wakeup time = 1/Fosc * 2048 = 0.57 ms
(Fosc = 3.58MHz)
The total wakeup time = 0.57ms + x’tal settling time
Under power down mode (sleep mode), there are only I/O ports with Wakeup function wake the system up to normal
mode. The Port 0 and Port 1 have Wakeup function. Port 0 Wakeup function always enables, but the Port 1 is
controlled by the P1W register.
SN8P1602/1603
0C0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1W
0
0
0
P14W
P13W
P12W
P11W
P10W
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
0
0
0
0
0
SN8P1604
0C0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1W
P17W
P16W
P15W
P14W
P13W
P12W
P11W
P10W
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
P10W~P14W: Port 1 Wakeup function control bits. 0 = none Wakeup function, 1 = Enable Wakeup function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com