Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AX Datasheet(PDF) 24 Page - SONiX Technology Company

Part # SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Datasheet(HTML) 24 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 20Page - SONiX Technology Company SN8P1602AX Datasheet HTML 21Page - SONiX Technology Company SN8P1602AX Datasheet HTML 22Page - SONiX Technology Company SN8P1602AX Datasheet HTML 23Page - SONiX Technology Company SN8P1602AX Datasheet HTML 24Page - SONiX Technology Company SN8P1602AX Datasheet HTML 25Page - SONiX Technology Company SN8P1602AX Datasheet HTML 26Page - SONiX Technology Company SN8P1602AX Datasheet HTML 27Page - SONiX Technology Company SN8P1602AX Datasheet HTML 28Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 24
Revision 1.94
DATA MEMORY (RAM)
OVERVIEW
The SN8P1600 has internally built-in data memory up to 48/128 bytes for storing the general-purpose data.
48 * 8-bit general purpose area in bank 0 (SN8P1602/1603)
128 * 8-bit general purpose area in bank 0 (SN8P1604)
128 * 8-bit system register area
The memory is separated into bank 0. The bank 0 uses the first 48/128 bytes as general-purpose area, and the
remaining 128 bytes as system register.
SN8P1604 SN8P1602/SN
8P1603
RAM location
000h
000h
“
“
“
“
000h~02FH/07FH of Bank 0 store
general-purpose data (48 bytes
/128bytes).
“
“
“
“
“
“
07Fh
02Fh
General purpose area
080h
080h
“
“
080h~0FFh of Bank 0 store system
registers (128 bytes).
“
“
“
“
“
“
“
“
System register
BANK 0
0FFh
0FFh
End of bank 0 area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com