Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AX Datasheet(PDF) 53 Page - SONiX Technology Company

Part # SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Datasheet(HTML) 53 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 49Page - SONiX Technology Company SN8P1602AX Datasheet HTML 50Page - SONiX Technology Company SN8P1602AX Datasheet HTML 51Page - SONiX Technology Company SN8P1602AX Datasheet HTML 52Page - SONiX Technology Company SN8P1602AX Datasheet HTML 53Page - SONiX Technology Company SN8P1602AX Datasheet HTML 54Page - SONiX Technology Company SN8P1602AX Datasheet HTML 55Page - SONiX Technology Company SN8P1602AX Datasheet HTML 56Page - SONiX Technology Company SN8P1602AX Datasheet HTML 57Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 53
Revision 1.94
TC0M MODE REGISTER
The TC0M is an 8-bit read/write timer mode register. By loading different value into the TC0M register, users can
modify the timer frequency dynamically as program executing.
Eight rates for TC0 timer can be selected by TC0RATE0 ~ TC0RATE2 bits. The range is from fcpu/2 to fcpu/256. The
TC0M initial value is zero and the rate is fcpu/256. The bit7 of TC0M named TC0ENB is the control bit to start TC0
timer. The combination of these bits is to determine the TC0 timer clock frequency and the intervals.
0DAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC0M
TC0ENB
TC0rate2
TC0rate1
TC0rate0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
-
-
-
-
After reset
0
0
0
0
0
-
-
-
TC0ENB: TC0 counter enable bit. “0” = disable, “1” = enable.
TC0RATE2~TC0RATE0: TC0 internal clock select bits. 000 = fcpu/256, 001 = fcpu/128, … , 110 = fcpu/4, 111 =
fcpu/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com