Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R622U-RJ6P-2000-A Datasheet(PDF) 6 Page - YAMAHA CORPORATION

Part # Y-CONC-R622U-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R622U-RJ6P-2000-A Datasheet(HTML) 6 Page - YAMAHA CORPORATION

Back Button Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 2Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 3Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 4Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Description:
IP67 protective transport cap
for Y-ConCover-10-* /
Y-ConCover-40-*
IP67-Transportschutzabdeckung für
Y-ConCover-10-* / Y-ConCover-40-*
Part No.: Y-ConAS-21
Accessories
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
5
IP67/68/69K Protected Components
Description:
IP67/68/69K metal cover EMI version for
self-assembly with Y-Con plugs and cables,
with Twist-Lock open and close mechanism,
complete with latches, seals and terminator cap.
Assembled EMI spring and additional
EMI washer for improved EMI protection
IP67/68/69K-Metallgehäuse EMV (Twist-Lock) mit
Schraubverschluss zur Selbstmontage mit Y-Con
Kabelsteckern und Kabeln, komplett mit Rasthaken,
Dichtungen und Abschlusskappe. Assemblierte EMV Feder
plus zusätzliche EMV Scheibe für verbesserten EMV Schutz
Material:
Body
Die-cast zinc
Gehäuse
Seal
FKM (Viton®) or HNBR
Dichtung
Fixing clips
Stainless steel
Rasthaken
EMI Spring
Phosphor Bronze
EMV Feder
EMI Washer
Phosphor Bronze
EMV Scheibe
Specifications:
Operating Temp.: Std.
- 20°C ~ +120°C
Betriebstemp.
LT
- 40°C ~ +120°C
Part Number
Low Temperature Type
EMI Spring
Y-ConCover-40-E
No
Yes
Y-ConCover-40-LT-E
Yes
Yes
Series
Design Number
No Mark = Std.
LT = Low Temp.
E = EMI Version
Y-ConCover - 40 - ** - E
Part Number (Details)
Material:
Body
PE
Gehäuse
Colour
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~+80°C
Betriebstemp.
EMI Spring
(pre-assembled)
EMI Washer
(not assembled)
Outline Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com