Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R622U-RJ6P-2000-A Datasheet(PDF) 18 Page - YAMAHA CORPORATION

Part # Y-CONC-R622U-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R622U-RJ6P-2000-A Datasheet(HTML) 18 Page - YAMAHA CORPORATION

Back Button Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 14Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 15Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 16Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 18Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 19Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 20Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 21Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 22Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
17
Part Number
Signal Contacts
Power Contacts
Orientation
Magnetics
Light Pipes
Y-ConJack-51
8
2
180°
Yes
Yes
Y-ConJack-52
8
2
180°
Yes
No
Y-ConJack-53
8
2
180°
No
Yes
Y-ConJack-54
8
2
180°
No
No
Y-ConJack-55
8
0
180°
Yes
Yes
Y-ConJack-56
8
0
180°
Yes
No
Outline Dimensions
PCB Layout
Y-ConJack-51
Description:
RJ45 jack 180° with magnetics and light pipes.
For THR soldering. Also available with power contacts.
For different combinations please see table above.
Light pipes enable the usage of the same jack even
for different LED colours. For use with all Y-Con plugs
RJ45-Buchse 180° mit Magnetic-Baustein und Lichtleiter für
THR-Verlötung. Auch mit zusätzlichen Kontakten für die Stromversorgung.
Verschiedene Kombinationsmöglichkeiten siehe lt. Tabelle.
Lichtleiter ermöglicht die Verwendung der identischen Buchse
für verschiedenfarbige LEDs.
Material:
Jack body
PA, UL94V-0
Isolierkörper
Shielding
Nickel plated brass
Schirmung
Contact
Contact area 30µ”Au/50µ”Ni
Kontakte
Solder area
80µ”Sn/50µ”Ni
Specifications:
Oper. Temp.:
-40°C ~ +120°C
Betriebstemp.
Solder Temp:
Reflow max. 260°C / 10sec.
Löttemp.
Durability:
1,500 mechanical cycles
Lebensdauer
Current Rating:
2.1A @ 70°C (power contacts)
Bemessungsstrom
Industrial RJ45 Jacks
25.9
24.3
16.0
Series
5 = 180°
See table below
Y-ConJack - 5 *
Part Number (Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com