Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R622U-RJ6P-2000-A Datasheet(PDF) 19 Page - YAMAHA CORPORATION

Part # Y-CONC-R622U-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R622U-RJ6P-2000-A Datasheet(HTML) 19 Page - YAMAHA CORPORATION

Back Button Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 15Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 16Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 18Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 19Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 20Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 21Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 22Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 23Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
18
Outline Dimensions / PCB Layout
Part Number
Signal Contacts
Power Contacts
Orientation
Shielding Orientation
Y-ConJack-11-3C-1
8
0
90°
left
Y-ConJack-11-3C-2
8
0
90°
top
Y-ConJack-11-3C-3
8
0
90°
right
Y-ConJack-11-3C-4
8
0
90°
left + top
Y-ConJack-11-3C-5
8
0
90°
right + top
Y-ConJack-11-3C-6
8
0
90°
right + left
Y-ConJack-11-3C-7
8
0
90°
left + top + right
Y-ConJack-21-3C-1
8
2
90°
left
Y-ConJack-21-3C-2
8
2
90°
top
Y-ConJack-21-3C-3
8
2
90°
right
Y-ConJack-21-3C-4
8
2
90°
left + top
Y-ConJack-21-3C-5
8
2
90°
right + top
Y-ConJack-21-3C-6
8
2
90°
right + left
Y-ConJack-21-3C-7
8
2
90°
left + top + right
Y-ConJack
-
*
1 - 3C
- *
Part Number (Details)
Series
Power Contacts 1 = without 2 = with
1 = 90°
3C = EMI version
* = Shielding (see table below)
Part Number (Details)
Description:
RJ45 EMI jack, Cat 5, 90° for THR soldering.
Available also with power contacts. Additional
shield clips for improved EMI performance.
For use with all Y-Con plugs
RJ45 EMV Buchse Cat 5, 90° für THR-Verlötung.
Auch mit Kontakten für die Stromversorgung. Zusätzliche
Schirmfedern verbessern die EMV Eigenschaften.
Für den Einsatz mit allen Y-Con Kabelsteckern
Material:
Jack body
PA, UL94V-0
Isolierkörper
Shielding
Nickel plated brass
Shield Clips
Stainless Steel
Schirmung
Contact
Contact area 30µ”Au/50µ”Ni
Kontakte
Solder area
80µ”Sn/50µ”Ni
Specifications:
Oper. Temp.:
-40°C ~ +120°C
Betriebstemp.
Solder Temp:
Reflow max. 260°C / 10sec.
Löttemp.
.
Durability:
1,500 mechanical cycles
Lebensdauer
Current Rating:
2.1A @ 70°C (power contacts)
Bemessungsstrom
19.5
15.9
21.4
Example Y-ConJack-21-3C-7
PCB
Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com