Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R622U-RJ6P-2000-A Datasheet(PDF) 30 Page - YAMAHA CORPORATION

Part # Y-CONC-R622U-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R622U-RJ6P-2000-A Datasheet(HTML) 30 Page - YAMAHA CORPORATION

Back Button Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 26Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
29
Y-ConCoupler-10
Y-ConCoupler-11
Description:
IP67 coupler module (w/o electronics) screw mount,
guide rails for modular assembly
IP67 Kupplungsmodule (ohne Elektronik) mit Schraubhalterung
und Führungsschienen für modularen Aufbau
Material:
PBT, UL94V-0
Specifications:
Operating Temp.: -30°C ~ +120°C
Betriebstemp.
Description:
IP67 Ethernet switch*,10BaseT / 100BaseTX, 7 data and 1 power port, unmanaged, Store/Forward,
non-blocking, full or half duplex, auto-negotiated data control, screw mounted
IP67 Ethernet-Schalter*,10BaseT/100BaseTX, 7 Datenports, 1 Stromversorgungsbuchse, unmanaged, Store / Forward,
non-blocking, Voll- oder Halbduplexbetrieb, Auto-negotiated Data control, Wandbefestigung
Material:
Housing
Aluminium
Gehäuse
Flange
PBT, UL94V-0
Flansch
Specifications
Operating Temp.: -40°C ~ +85°C
Betriebstemp.
Electrical specifications (on request)
Industrial Peripherals
* i.a.w. IEEE 802.3
IEEE 1588
Part Number
No. of Y-ConFlange-10*
Colour
Y-ConCoupler-10
2
Blue
Y-ConCoupler-10-B
2
Black
Y-ConCoupler-11
1 (plus cable gland
∅5.0 -9.0mm)
Blue
Y-ConCoupler-11-B
1 (plus cable gland
∅5.0 -9.0mm)
Black
Series
Design Number
(see table below)
No Mark = Blue
B = Blac
Y-ConCoupler - **
*
Part Number (Details)
Series
Design Number
Y-ConSwitch-1U7P
Part Number (Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com